Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1850 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1850
Description  Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1850 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1850 Datasheet HTML 14Page - Analog Devices ADP1850 Datasheet HTML 15Page - Analog Devices ADP1850 Datasheet HTML 16Page - Analog Devices ADP1850 Datasheet HTML 17Page - Analog Devices ADP1850 Datasheet HTML 18Page - Analog Devices ADP1850 Datasheet HTML 19Page - Analog Devices ADP1850 Datasheet HTML 20Page - Analog Devices ADP1850 Datasheet HTML 21Page - Analog Devices ADP1850 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP1850
Rev. 0 | Page 18 of 32
INPUT CAPACITOR SELECTION
The input current to a buck converter is a pulse waveform. It is
zero when the high-side switch is off and approximately equal
to the load current when it is on. The input capacitor carries the
input ripple current, allowing the input power source to supply
only the direct current. The input capacitor needs sufficient
ripple current rating to handle the input ripple, as well as an
ESR that is low enough to mitigate input voltage ripple. For the
usual current ranges for these converters, it is good practice to
use two parallel capacitors placed close to the drains of the
high-side switch MOSFETs (one bulk capacitor of sufficiently
high current rating and a 10 μF ceramic decoupling capacitor,
typically).
Select an input bulk capacitor based on its ripple current rating.
First, determine the duty cycle of the output.
IN
OUT
V
V
D =
The input capacitor RMS ripple current is given by
)
1
(
D
D
I
I
O
RMS
−
=
where:
IO is the output current.
D is the duty cycle
The minimum input capacitance required for a particular load is
SW
ESR
O
PP
O
MIN
IN
f
DR
I
V
D
D
I
C
)
(
)
1
(
,
×
−
−
×
=
where:
VPP is the desired input ripple voltage.
RESR is the equivalent series resistance of the capacitor.
If an MLCC capacitor is used, the ESR is near 0, then the
equation is simplified to
SW
PP
O
MIN
IN
f
V
D
D
I
C
×
−
×
=
)
1
(
,
The capacitance of MLCC is voltage dependent. The actual
capacitance of the selected capacitor must be derated according to
the manufacturer’s specification. In addition, add more bulk
capacitance, such as by using electrolytic or polymer capacitors,
as necessary for large step load transients. Make sure the
current ripple rating of the bulk capacitor exceeds the
maximum input current ripple of a particular design.
INPUT FILTER
Normally a 0.1 µF or greater value bypass capacitor from the
input pin (VIN) to AGND is sufficient for filtering out any
unwanted switching noise. However, depending on the PCB
layout, some switching noise can enter the ADP1850 internal
circuitry; therefore, it is recommended to have a low pass filter
at the VIN pin. Connecting a resistor, between 2 Ω and 5 Ω, in
series with VIN and a 1 µF ceramic capacitor between VIN and
AGND creates a low pass filter that effectively filters out any
unwanted glitches caused by the switching regulator. Keep in
mind that the input current could be larger than 100 mA when
driving large MOSFETs. A 100 mA across a 5 Ω resistor creates
a 0.5 V drop, which is the same voltage drop in VCCO. In this
case, a lower resistor value is desirable.
ADP1850
VIN
VIN
AGND
2
Ω TO 5Ω
1µF
Figure 32. Input Filter Configuration
BOOST CAPACITOR SELECTION
To lower system component count and cost, the ADP1850 has
an integrated rectifier (equivalent to the boost diode) between
VCCO and BSTx. Choose a boost ceramic capacitor with a
value between 0.1 µF and 0.22 µF; this capacitor provides the
current for the high-side driver during switching.
INDUCTOR SELECTION
The output LC filter smoothes the switched voltage at SWx. For
most applications, choose an inductor value such that the
inductor ripple current is between 20% and 40% of the
maximum dc output load current. Generally, a larger inductor
current ripple generates more power loss in the inductor and
larger voltage ripples at the output. Check the inductor data
sheet to make sure that the saturation current of the inductor is
well above the peak inductor current of a particular design.
Choose the inductor value by the following equation:
IN
OUT
L
SW
OUT
IN
V
V
I
f
V
V
L
×
∆
×
−
=
where:
L is the inductor value.
fSW is the switching frequency.
VOUT is the output voltage.
VIN is the input voltage.
∆I
L is the peak-to-peak inductor ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com