Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525DEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4525DEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525DEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC4525DEVB Datasheet HTML 1Page - Semtech Corporation SC4525DEVB Datasheet HTML 2Page - Semtech Corporation SC4525DEVB Datasheet HTML 3Page - Semtech Corporation SC4525DEVB Datasheet HTML 4Page - Semtech Corporation SC4525DEVB Datasheet HTML 5Page - Semtech Corporation SC4525DEVB Datasheet HTML 6Page - Semtech Corporation SC4525DEVB Datasheet HTML 7Page - Semtech Corporation SC4525DEVB Datasheet HTML 8Page - Semtech Corporation SC4525DEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© 2011 Semtech Corp.
www.semtech.com
SC4525D
4
Parameter
Conditions
Min
Typ
Max
Units
Minimum Switch On-time
150
ns
Minimum Switch Off-time
100
150
ns
Switch Leakage Current
10
µA
Minimum Bootstrap Voltage
I
SW = -3.9A
1.8
2.3
V
BST Pin Current
I
SW = -3.9A
100
150
mA
Oscillator
Switching Frequency
R
SET = 60.4kΩ
275
350
425
kHz
Foldback Frequency
R
SET = 60.4kΩ, VFB = 0
35
65
100
kHz
Soft Start and Overload Protection
SS/EN Shutdown Threshold
0.2
0.3
0.4
V
SS/EN Switching Threshold
V
FB = 0 V
0.95
1.2
1.4
V
Soft-start Charging Current
V
SS/EN = 0 V
1.9
µA
V
SS/EN = 1.5 V
1.6
2.4
3.2
Soft-start Discharging Current
1.5
µA
Hiccup Arming SS/EN Voltage
V
SS/EN Rising
2.15
V
Hiccup SS/EN Overload Threshold
V
SS/EN Falling
1.9
V
Hiccup Retry SS/EN Voltage
V
SS/EN Falling
0.6
1.0
1.2
V
Over Temperature Protection
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
10
°C
Note 1: Switch current limit does not vary with duty cycle.
Electrical Characteristics (Cont.)
Unless otherwise noted, V
IN = 12V, VBST = 15V, VSS = 2.2V, -40°C < TA = TJ < 125°C, RSET = 60.4kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com