Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525DEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4525DEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525DEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4525DEVB Datasheet HTML 6Page - Semtech Corporation SC4525DEVB Datasheet HTML 7Page - Semtech Corporation SC4525DEVB Datasheet HTML 8Page - Semtech Corporation SC4525DEVB Datasheet HTML 9Page - Semtech Corporation SC4525DEVB Datasheet HTML 10Page - Semtech Corporation SC4525DEVB Datasheet HTML 11Page - Semtech Corporation SC4525DEVB Datasheet HTML 12Page - Semtech Corporation SC4525DEVB Datasheet HTML 13Page - Semtech Corporation SC4525DEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2011 Semtech Corp.
www.semtech.com
SC4525D
10
Applications Information (Cont.)
the regulator, the current-limit comparator ILIM (Figure
2) will eventually limit the switch current on a cycle-by-
cycle basis. The over-current signal OC goes high, setting
the latch B
3. The soft-start capacitor is discharged with
(I
D - IC) (Figure 3). If the inductor current falls below the
current limit and the PWM comparator instead turns off
the switch, then latch B
3 will be reset and IC will recharge
the soft-start capacitor. If over-current condition persists
or OC becomes asserted more often than PWM over
a period of time, then the soft-start capacitor will be
discharged below 1.9V. At this juncture, comparator B
4
sets the overload latch B
2. The soft-start capacitor will be
continuously discharged with (I
D - IC). The COMP pin is
immediately pulled to ground. The switching regulator is
shut off until the soft-start capacitor is discharged below
1.0V. At this moment, the overload latch is reset. The
soft-start capacitor is recharged and the converter again
undergoes soft-start. The regulator will go through soft-
start, overload shutdown and restart until it is no longer
overloaded.
If the FB voltage falls below 0.8V because of output
overload, then the switching frequency will be reduced.
Frequency foldback helps to limit the inductor current
when the output is hard shorted to ground.
During normal operation, the soft-start capacitor is
charged to 2.4V.
Setting the Output Voltage
The regulator output voltage, V
O, is set with an external
resistive divider (Figure 1) with its center tap tied to the FB
pin. For a given R
6 value, R4 can be found by
(1)
Minimum On Time Consideration
The operating duty cycle of a non-synchronous step-
down switching regulator in continuous-conduction
mode (CCM) is given by
(2)
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
whereV
IN is the input voltage, VCESAT is the switch saturation
voltage, and V
D is voltage drop across the rectifying
diode.
In peak current-mode control, the PWM modulating
ramp is the sensed current ramp of the power switch.
This current ramp is absent unless the switch is turned
on. The intersection of this ramp with the output of the
voltage feedback error amplifier determines the switch
pulse width. The propagation delay time required to
immediately turn off the switch after it is turned on is the
minimum controllable switch on time (T
ON(MIN)).
Closed-loop measurement shows that the SC4525D
minimum on time is about 120ns at room temperature
(Figure 4). If the required switch on time is shorter than
the minimum on time, the regulator will either skip cycles
or it will jitter.
Figure 4. Variation of Minimum On Time
with Ambient Temperature
To allow for transient headroom, the minimum operating
switch on time should be at least 20% to 30% higher than
the worst-case minimum on time.
Minimum Off Time Limitation
The PWM latch in Figure 2 is reset every cycle by the
clock. The clock also turns off the power transistor to
refresh the bootstrap capacitor. This minimum off time
limits the attainable duty cycle of the regulator at a given
12
12
Fig.4: Min On-Time vs Temp
Minumum On Time vs Temperature
100
120
140
160
180
200
-50 -25
0
25
50
75 100 125
Temperature (OC)
SS270 REV 6-7
VO=1.5V, IO=1A
12
12
Fig.4: Min On-Time vs Temp
Minumum On Time vs Temperature
100
120
140
160
180
200
-50 -25
0
25
50
75 100 125
Temperature (OC)
SS270 REV 6-7
VO=1.5V, IO=1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com