Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525DEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4525DEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525DEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4525DEVB Datasheet HTML 8Page - Semtech Corporation SC4525DEVB Datasheet HTML 9Page - Semtech Corporation SC4525DEVB Datasheet HTML 10Page - Semtech Corporation SC4525DEVB Datasheet HTML 11Page - Semtech Corporation SC4525DEVB Datasheet HTML 12Page - Semtech Corporation SC4525DEVB Datasheet HTML 13Page - Semtech Corporation SC4525DEVB Datasheet HTML 14Page - Semtech Corporation SC4525DEVB Datasheet HTML 15Page - Semtech Corporation SC4525DEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
© 2011 Semtech Corp.
www.semtech.com
SC4525D
12
Applications Information (Cont.)
is because the diode conduction interval is much longer
than that of the transistor. Converter efficiency will be
improved if the voltage drop across the diode is lower.
The freewheeling diode should be placed close to the
SW pin of the SC4525D to minimize ringing due to trace
inductance. 20BQ030 (International Rectifier), B320A,
B330A (Diodes Inc.), SS33 (Vishay), CMSH3-20MA and
CMSH3-40MA (Central-Semi.) are all suitable.
The freewheeling diode should be placed close to the SW
pin of the SC4525D on the PCB to minimize ringing due to
trace inductance.
Bootstrapping the Power Transistor
The minimum BST-SW voltage required to fully saturate
the power transistor is shown in Figure 5, which is about
2V at room temperature.
The BST-SW voltage is supplied by a bootstrap circuit
powered from either the input or the output of the
converter (Figure 6(a), 6(b) and 6(c)). To maximize
efficiency, tie the bootstrap diode to the converter output
if V
O>2.5V as shown in Figure 6 (a). Since the bootstrap
supply current is proportional to the converter load
current, using a lower voltage to power the bootstrap
circuit reduces driving loss (Equation (11), page 14) and
improves efficiency.
Figure 5. Typical Minimum Bootstrap Voltage required
to Saturate the Transistor (I
SW= -3.9A)
12
12
Fig.5: Min BST vs Temp
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ISW =-3.9A
12
12
Fig.5: Min BST vs Temp
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ISW =-3.9A
For the bootstrap circuit, a fast switching PN diode
(such as 1N4148 or 1N914) and a small (0.33µF – 0.47µF)
ceramic capacitor is sufficient for most applications. When
bootstrapping from 2.5V to 3.0V output voltages, use a
low forward drop Schottky diode (BAT-54 or similar) for
D
1. If VOUT > 8V, then a protection diode D4 between the
SW and the BST pins will be required as shown in Figure 6
(c). D
4 can be a small PN diode such as 1N4148 or 1N914 if
the operating temperature does not exceed 85 ºC. Use a
small Schottky diode (BAT54 or similar) if the converter is
to operate up to 125 ºC.
Figure 6. Methods of Bootstrapping the SC4525D
12
12
Fig.6: Methods of BST
D1
(a)
SC4525D
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
(b)
SC4525D
BST
GND
IN
SW
VOUT
C1
VIN
D2
12
12
Fig.6: Methods of BST
D1
(a)
SC4525D
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
(b)
SC4525D
BST
GND
IN
SW
VOUT
C1
VIN
D2
D1
(C)
SC4525D
BST
GND
IN
SW
VOUT>8V
C1
VIN
D2
D4
D4 is either a pn juntion diode or a Schottky diode
depending on the operating temperature.
(a)
SC4525D
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
(a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com