Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525DEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4525DEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525DEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4525DEVB Datasheet HTML 10Page - Semtech Corporation SC4525DEVB Datasheet HTML 11Page - Semtech Corporation SC4525DEVB Datasheet HTML 12Page - Semtech Corporation SC4525DEVB Datasheet HTML 13Page - Semtech Corporation SC4525DEVB Datasheet HTML 14Page - Semtech Corporation SC4525DEVB Datasheet HTML 15Page - Semtech Corporation SC4525DEVB Datasheet HTML 16Page - Semtech Corporation SC4525DEVB Datasheet HTML 17Page - Semtech Corporation SC4525DEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
© 2011 Semtech Corp.
www.semtech.com
SC4525D
14
Applications Information (Cont.)
(2) Select the open loop crossover frequency, F
C, between
10% and 20% of the switching frequency. At F
C, find the
required compensator gain, A
C. In typical applications with
ceramic output capacitors, the ESR zero is neglected and
the required compensator gain at F
C can be estimated by
(9)
(3) Place the compensator zero, F
Z1, between 10% and
20% of the crossover frequency, F
C.
(4) Use the compensator pole, F
P1, to cancel the ESR zero,
F
Z.
(5) Then, the parameters of the compensation network
can be calculated by
(10)
where g
m=0.3mA/V is the EA gain of the SC4525D.
Example: Determine the voltage compensator for an
350kHz, 12V to 3.3V/3A converter with 47uF ceramic
output capacitor.
Choose a loop gain crossover frequency of 35kHz, and
place voltage compensator zero and pole at F
Z1=7kHz
(20% of F
C), and FP1= 677kHz. From Equation (9), the
required compensator gain at F
C is
Then the compensator parameters are
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
CESAT
D
IN
D
O
V
V
V
V
V
D
−
+
+
=
−
=
1
V
0
.
1
V
R
R
O
6
4
1
SW
D
O
L
L
F
)
D
1
(
)
V
V
(
I
⋅
−
⋅
+
=
D
SW
O
D
O
1
F
I
%
20
)
D
1
(
)
V
V
(
L
⋅
⋅
−
⋅
+
=
)
D
1
(
D
I
I
O
CIN
_
RMS
−
⋅
⋅
=


⋅
⋅
+
⋅
D
=
D
O
SW
L
O
C
F
8
1
ESR
I
V
SW
IN
O
IN
F
V
4
I
C
⋅
D
⋅
>
,
R
G
R
G
S
CA
PWM
⋅
≈
)
/
s
Q
/
s
1
()
/
s
1
(
)
C
R
s
1
(
G
V
V
2
n
2
n
p
O
ESR
PWM
c
o
ω
+
ω
+
ω
+
+
=
7
1
Z
5
R
F
2
1
C
π
=
7
1
P
8
R
F
2
1
C
π
=
,
C
R
1
O
p ≈
ω
,
C
R
1
O
ESR
Z =
ω
k
3
.
22
10
28
.
0
10
R
3
7
20
9
.
15
=
⋅
=
−
nF
45
.
0
10
1
.
22
10
16
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
12
10
1
.
22
10
600
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=


⋅
π
⋅
⋅
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
dB
9
.
15
3
.
3
0
.
1
10
22
10
80
2
1
10
1
.
6
28
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
m
7
g
10
R
20
C
A
=
dB
7
3
.
3
0
.
1
10
47
10
35
2
1
10
53
.
3
18.5
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
dB
7
3
.
3
0
.
1
10
47
10
35
2
1
10
53
.
3
18.5
1
log
20
A
6
3
3
C
=
⋅
⋅
⋅
⋅
⋅
π
⋅
⋅
⋅
⋅
−
=
−
−
Select R
7=7.32k, C5=3.3nF, and C8= 33pF for the design.
Compensator parameters for various typical applications
are listed in Table 4. A MathCAD program is also available
upon request for detailed calculation of the compensator
parameters.
Thermal Considerations
For the power transistor inside the SC4525D, the
conduction loss P
C, the switching loss PSW, and bootstrap
circuit loss P
BST, can be estimated as follows:
(11)
whereV
BST is the BST supply voltage and tS is the equivalent
switching time of the NPN transistor (see Table 3).
Table 3. Typical switching time
In addition, the quiescent current loss is
(12)
The total power loss of the SC4525D is therefore
k
4
.
7
10
3
.
0
10
R
3
7
20
7
=
⋅
=
−
nF
1
.
3
10
7.4
10
7
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
32
10
7.4
10
677
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=
k
4
.
7
10
3
.
0
10
R
3
7
20
7
=
⋅
=
−
nF
1
.
3
10
7.4
10
7
2
1
C
3
3
5
=
⋅
⋅
⋅
⋅
π
=
pF
32
10
7.4
10
677
2
1
C
3
3
8
=
⋅
⋅
⋅
⋅
π
=
O
C E S AT
C
I
V
D
P
⋅
⋅
=
40
I
V
D
P
O
B S T
B S T
⋅
⋅
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
⋅
⋅
=
O
D
D
I
V
)
D
1
(
P
⋅
⋅
−
=
S W
O
IN
S
S W
F
I
V
t
2
1
P
⋅
⋅
⋅
⋅
=
Q
B S T
S W
C
T OT AL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
⋅
=
O
C E S AT
C
I
V
D
P
⋅
⋅
=
40
I
V
D
P
O
B S T
B S T
⋅
⋅
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
⋅
⋅
=
O
D
D
I
V
)
D
1
(
P
⋅
⋅
−
=
S W
O
IN
S
S W
F
I
V
t
2
1
P
⋅
⋅
⋅
⋅
=
Q
B S T
S W
C
T OT AL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
⋅
=
Table 3: Typical Switching Time
1A
2A
3A
5V
6.86ns
9.71ns
12.5ns
12V
12.5ns
15.3ns
18ns
Load Current
Input Voltage
Table 3: Typical Switching Time
1A
2A
3A
5V
6.86ns
9.71ns
12.5ns
12V
12.5ns
15.3ns
18ns
Load Current
Input Voltage
O
C E S AT
C
I
V
D
P
⋅
⋅
=
40
I
V
D
P
O
B S T
B S T
⋅
⋅
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
⋅
⋅
=
O
D
D
I
V
)
D
1
(
P
⋅
⋅
−
=
S W
O
IN
S
S W
F
I
V
t
2
1
P
⋅
⋅
⋅
⋅
=
Q
B S T
S W
C
T OT AL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
⋅
=
O
C E S AT
C
I
V
D
P
⋅
⋅
=
40
I
V
D
P
O
B S T
B S T
⋅
⋅
=
DC
2
O
IND
R
I
)
3
.
1
~
1
.
1
(
P
⋅
⋅
=
O
D
D
I
V
)
D
1
(
P
⋅
⋅
−
=
S W
O
IN
S
S W
F
I
V
t
2
1
P
⋅
⋅
⋅
⋅
=
Q
B S T
S W
C
T OT AL
P
P
P
P
P
+
+
+
=
mA
2
V
P
IN
Q
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com