Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4525DEVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC4525DEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525DEVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC4525DEVB Datasheet HTML 13Page - Semtech Corporation SC4525DEVB Datasheet HTML 14Page - Semtech Corporation SC4525DEVB Datasheet HTML 15Page - Semtech Corporation SC4525DEVB Datasheet HTML 16Page - Semtech Corporation SC4525DEVB Datasheet HTML 17Page - Semtech Corporation SC4525DEVB Datasheet HTML 18Page - Semtech Corporation SC4525DEVB Datasheet HTML 19Page - Semtech Corporation SC4525DEVB Datasheet HTML 20Page - Semtech Corporation SC4525DEVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
© 2011 Semtech Corp.
www.semtech.com
SC4525D
17
Typical Application Schematics
SC4525D
GND
IN
SW
BST
L1
4.7mH
C1
0.33mF
SS/EN
COMP
FB
D2
CMSH3-20M
22.1k
R6
33.2k
22nF
C8
47pF
C5
4.7nF
L1: CoiltronicsDR73-4R7
OUT
2.5V/3A
5V
RSET
C2: Murata GRM 31CR60J476M
C 4
4.7mF
C4: Murata GRM 31CR60J475K
VIN
C2
47mF
C7
R4
60.4k
R5
6.49k
R7
Fig. 10: 350 kHz5 V to2.5V/3 A Step Down Converter
BAT- 54
D1
Figure 10. 350kHz 5V to 2.5V/3A Step-down Converter
SC4525D
GND
IN
SW
BST
L1
3.3 mH
C1
0.33 mF
SS/EN
COMP
FB
D2
B320A
66.5 k
R6
33.2k
22nF
C8
47pF
C5
6.8nF
L1: Coiltronics DR73 -3R3
OUT
1.5V/3A
D1
BAT-54
3.3V
RSET
C2: Murata GRM 31CR60J476M
C4
4.7mF
C4: Murata GRM 32ER71H475 K
VIN
C2
47mF
C7
R4
60.4k
R5
3.74k
R7
Fig.11: 350 kHz3.3 V to1.5V/3 A Step
Figure 11. 350kHz 3.3V to 1.5V/3A Step-down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com