Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33894 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33894 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33894
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
ADDRESS A1A0011—CURRENT DETECTION TIME
AND OPEN LOAD REGISTER (CDTOLR)
The CDTOLR register is used by the MCU to determine
the amount of time the device will allow an overcurrent low
condition before an output latches OFF. Each output is
independently selected for configuration based on A1A0,
which are the state of the D12:D11 bits (refer to Table 9,
page 20).
Bits D1:D0 (OCLT1_s:OCLT0_s) allow the MCU to select
one of three overcurrent fault blanking times defined in
Table 12. Note that these timeouts apply only to the
overcurrent low detection levels. If the selected overcurrent
high level is reached, the device will latch off within 20
µs.
A logic [1] on bit D2 (OCL_DIS_s) disables the overcurrent
low detection feature. When disabled, there is no timeout for
the selected output and the overcurrent low detection feature
is disabled.
A logic [1] on bit D3 (OL_DIS_s) disables the open load
(OL) detection feature for the output corresponding to the
state of bits D12:D11.
ADDRESS A1A0100—DIRECT INPUT CONTROL
REGISTER (DICR)
The DICR register is used by the MCU to enable, disable,
or configure the direct IN pin control of each output. Each
output is independently selected for configuration based on
the state bits D12:D11 (refer to Table 9, page 20).
For the selected output, a logic [0] on bit D1 (DIR_DIS_s)
will enable the output for direct control. A logic [1] on bit D1
will disable the output from direct control.
While addressing this register, if the Input was enabled for
direct control, a logic [1] for the D0 (A/O_s) bit will result in a
Boolean AND of the IN pin with its corresponding IN_SPI
D4:D0 message bit when addressing OCR0. Similarly, a
logic [0] on the D0 pin results in a Boolean OR of the IN pin
to the corresponding message bits when addressing the
OCR0. This register is especially useful if several loads are
required to be independently PWM controlled. For example,
the IN pins of several devices can be configured to operate
all of the outputs with one PWM output from the MCU. If each
output is then configured to be Boolean ANDed to its
respective IN pin, each output can be individually turned OFF
by SPI while controlling all of the outputs, commanded on
with the single PWM output.
A logic [1] on bit D2 (CSNS_high_s) is used to select the
high ratio on the CSNS pin for the selected output. The
default value [0] is used to select the low ratio (Table 13).
A logic [1] on bit D3 (FAST_SR_s) is used to select the
high speed slew rate for the selected output, the default
value [0] corresponds to the low speed slew rate.
ADDRESS X0101—UNDERVOLTAGE/
OVERVOLTAGE REGISTER (UOVR)
The UOVR register disables the undervoltage (D1) and/or
overvoltage (D0) protection. When these two bits are
logic [0], the undervoltage and overvoltage are active (default
value).
Table 10. Overcurrent Low Detection Levels
SOCL2_s
*
(D2)
SOCL1_s
*
(D1)
SOCL0_s
*
(D0)
Overcurrent Low
Detection (Amperes)
HS0:HS3
0
0
0
9.1
0
0
1
8.15
0
1
0
7.2
0
1
1
6.25
1
0
0
5.25
1
0
1
4.3
1
1
0
3.35
1
1
1
2.4
* “_s” refers to the output, which is selected through bits D12:D11;
refer to Table 9, page 20.
Table 11. Overcurrent High Detection Levels
SOCH_s
* (D3)
Overcurrent High Detection (Amperes)
HS0:HS3
0
50
1
35
* “_s” refers to the output, which is selected through bits D12:D11;
refer to Table 9, page 20.
Table 12. Overcurrent Low Detection Blanking Time
OCLT[1:0]_s
*
Timing
00
155 ms
01
Do not use
10
75 ms
11
150
µs
* “_s” refers to the output, which is selected through bits D12 :D11;
refer to Table 9, page 20.
Table 13. Current Sense Ratio
CSNS_high_s
* (D2)
Current Sense Ratio
HS0:HS3
0
1/6500
1
1/20000
* “_s” refers to the output, which is selected through bits D12 :D11;
refer to Table 9, page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com