Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33894 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33894 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33894
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT TIMING HS0:HC3 (CONTINUED)
Overcurrent High Detection Blanking Time
tOCH
1.0
10
20
µs
CS
to CSNS Valid Time (23)
tCNSVAL
–
–
10
µs
Watchdog Timeout (WD[1:0]) (24)
00
01
10
11
tWDTO0
tWDTO1
tWDTO2
tWDTO3
496
248
2000
1000
620
310
2500
1250
806
403
3250
1625
ms
Notes
23.
Time necessary for the CSNS to be with ±5% of the targeted value.
24.
Watchdog timeout delay measured from the rising edge of WAKE or RST from a sleep state condition, to output turn-ON with the output
driven OFF and FSI floating. The values shown are for WDR setting of [00]. The accuracy of tWDTO is consistent for all configured
watchdog timeouts.
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5 V
≤ V
DD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com