Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33894 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33894 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33894
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
PREVIOUS ADDRESS SOA4:SOA0=A1A0000
Bits OD3:OD0 reflect the current state of the Fault register
(FLTR) corresponding to the output previously selected with
the bits A1A0 (Table 16).
Note The FS pin reports all faults. For latched faults, this
pin is reset by a new Switch ON command (via SPI or direct
input IN).
PREVIOUS ADDRESS SOA4:SOA0=X0001
Data in bits OD3:OD0 contains IN3_SPI:IN0_SPI
programmed bits for outputs HS3:HS0, respectively.
PREVIOUS ADDRESS SOA4:SOA0=X1001
Data in bits OD3:OD0 contains the programmed
CSNS3 EN:CSNS0 EN bits for outputs HS3:HS0,
respectively.
PREVIOUS ADDRESS SOA4:SOA0=A1A0010
Data returned in bits OD3:OD0 are programmed current
values for the overcurrent high detection level (refer to
Table 11, page 21) and the overcurrent low detection level
(refer to Table 10, page 21), corresponding to the output
previously selected with A1A0.
PREVIOUS ADDRESS SOA4:SOA0=A1A0011
The returned data contains the programmed values in the
CDTOLR register for the output selected with A1A0.
PREVIOUS ADDRESS SOA4:SOA0=A1A0100
The returned data contains the programmed values in the
DICR register for the output selected with A1A0.
PREVIOUS ADDRESS SOA4:SOA0=X0101
The returned data contains the programmed values in the
UOVR register.
PREVIOUS ADDRESS SOA4:SOA0=X1101
The returned data contains the programmed values in the
WDR register. Bit OD2 (WDTO) reflects the status of the
watchdog circuitry. If WDTO bit is logic [1], the watchdog has
timed out and the device is in Fail-Safe mode. IF WDTO is
logic [0], the device is in Normal mode (assuming the device
is powered and not in the Sleep mode), with the watchdog
either enabled or disabled.
PREVIOUS ADDRESS SOA4:SOA0=X0110
The returned data OD3 and OD2 contain the state of the
outputs HS2 and HS0, respectively, in case of Fail-Safe
state. This information is stated with the external resistance
placed at the FSI pin. OD1 indicates if the watchdog is
enabled or not. OD0 returns the state of the WAKE pin.
PREVIOUS ADDRESS SOA4:SOA0=X1110
The returned data OD3:OD0 reflects the state of the direct
pins IN3:IN0, respectively.
Table 15. Serial Output Bit Map Description
Previous STATR
SO Returned Data
SO
A4
SO
A3
SO
A2
SO
A1
SO
A0
OD
15
OD
14
OD
13
OD
12
OD
11
OD
10
OD9
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
A1 A0 0
0
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
OTF_s
OCHF_s
OCLF_s
OLF_s
x
0
0
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
IN3_SPI
IN2_SPI
IN1_SPI
IN0_SPI
x
1
0
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
CSNS3 EN
CSNS2 EN
CSNS1 EN
CSNS0 EN
A1 A0 0
1
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
SOCH_s
SOCL2_s
SOCL1_s
SOCL0_s
A1 A0 0
1
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
OL_DIS_s
OCL_DIS_s
OCLT1_s
OCLT0_s
A1 A0 1
0
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
Fast_SR_s
CSNS_high_s
DIR_DIS_s
A/O_s
x
0
1
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
–
–
UV_DIS
OV_DIS
x
1
1
0
1
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
–
WDTO
WD1
WD0
x
0
1
1
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
HS2_failsaf
HS0_failsaf
WD_en
WAKE
x
1
1
1
0
WDIN
UVF
OVF
SOA4 SOA3 SOA2 SOA1 SOA0
ST3
ST2
ST1
ST0
IN3
IN2
IN1
IN0
x=Don’t care.
s=Output selection with the bits A1A0 as defined in Table 9, page 20.
Table 16. Output-Specific Fault Register
OD3
OD2
OD1
OD0
OTF_s
OCHF_s
OCLF_s
OLF_s
s=Selection of the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com