Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33894 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33894 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33894
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33894 is one in a family of devices designed for low-
voltage automotive and industrial lighting and motor control
applications. Its four low RDS(ON) MOSFETs (four 35 mΩ)
can control the high sides of four separate resistive or
inductive loads.
Programming, control, and diagnostics are accomplished
using a 16-bit SPI interface. Additionally, each output has its
own parallel input for PWM control if desired. The 33894
allows the user to program via the SPI the fault current trip
levels and duration of acceptable lamp inrush or motor stall
intervals. Such programmability allows tight control of fault
currents and can protect wiring harnesses and circuit boards
as well as loads.
The 33894 is packaged in a power-enhanced 12 x 12
nonleaded PQFN package with exposed tabs.
FUNCTIONAL PIN DESCRIPTION
SPI PROTOCOL DESCRIPTION
The SPI interface has a full duplex, three-wire
synchronous data transfer with four I/O lines associated with
it: Serial Input (SI), Serial Output (SO), Serial Clock (SCLK),
and Chip Select (CS).
The SI/SO pins of the 33894 follow a first-in first-out (D15
to D0) protocol, with both input and output words transferring
the most significant bit (MSB) first. All inputs are compatible
with 5.0 V CMOS logic levels.
The SPI lines perform the following functions:
SERIAL INPUT (SI)
This is a serial interface (SI) command data input pin.
Each SI bit is read on the falling edge of SCLK. A 16-bit
stream of serial data is required on the SI pin, starting with
D15 to D0. The internal registers of the 33894 are configured
and controlled using a 5-bit addressing scheme described in
Table 7, page 19. Register addressing and configuration are
described in Table 8, page 20. The SI input has an active
internal pulldown, IDWN.
SERIAL OUTPUT (SO)
The SO data pin is a tri-stateable output from the shift
register. The SO pin remains in a high-impedance state until
the CS pin is put into a logic [0] state. The SO data is capable
of reporting the status of the output, the device configuration,
and the state of the key inputs. The SO pin changes state on
the rising edge of SCLK and reads out on the falling edge of
SCLK. Fault and input status descriptions are provided in
Table 15, page 23.
SERIAL CLOCK (SCLK)
The SCLK pin clocks the internal shift registers of the
33894 device. The serial input (SI) pin accepts data into the
input shift register on the falling edge of the SCLK signal
while the serial output (SO) pin shifts data information out of
the SO line driver on the rising edge of the SCLK signal. It is
important the SCLK pin be in a logic low state whenever CS
makes any transition. For this reason, it is recommended the
SCLK pin be in logic [0] whenever the device is not accessed
(CS logic [1] state). SCLK has an active internal pulldown.
When CS is logic [1], signals at the SCLK and SI pins are
ignored and SO is tri-stated (high impedance) (see Figure 9,
page 19).
CHIP SELECT (CS)
The CS pin enables communication with the master
microcontroller (MCU). When this pin is in a logic [0] state,
the device is capable of transferring information to, and
receiving information from, the MCU. The 33894 latches in
data from the input shift registers to the addressed registers
on the rising edge of CS. The device transfers status
information from the power output to the Shift register on the
falling edge of CS. The SO output driver is enabled when CS
is logic [0]. CS should transition from a logic [1] to a logic [0]
state only when SCLK is a logic [0]. CS has an active internal
pullup, IUP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com