Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33894 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33894 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33894
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 8. SCLK Waveform and Valid SO Data Delay Time
SO
SO
SCLK
VOH
VOL
VOH
VOL
VOH
VOL
TfSI
TdlyLH
TdlyHL
TVALID
TrSO
TfSO
3.5V
50%
TrSI
High-to-Low
1.0V
0.7 VDD
0.2VDD
0.2 VDD
0.7 VDD
Low-to-High
tRSI
tFSI
0.7 VDD
SCLK
SO
SO
VOH
VOL
VOH
VOL
VOH
VOL
1.0 V
0.2 VDD
0.7 VDD
tRSO
tFSO
0.2 VDD
tSO(EN)
tSO(DIS)
3.5 V
Low to High
High to Low
tVALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com