Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  High performance e200z335 core processor
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 132 page
background image
CAL_ADDR[16]21
ALT_MDO[0]12
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE1213
VDDE714
Fast
O / Low15
MDO /
ALT_ADDR12 /
Low
—17
A14
CAL_ADDR[17]21
ALT_MDO[1]12
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE1213
VDDE714
Fast
O / Low15
ALT_MDO /
CAL_ADDR12 /
Low
—18
B14
CAL_ADDR[18]21
ALT_MDO[2]12
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE1213
VDDE714
Fast
O / Low15
ALT_MDO /
CAL_ADDR12 /
Low
—19
A13
CAL_ADDR[19]21
ALT_MDO[3]12
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE1213
VDDE714
Fast
O / Low15
ALT_MDO /
CAL_ADDR12 /
Low
—20
B13
CAL_ADDR[20:27]
ALT_MDO[4:11]
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE1213
Fast
O / Low
ALT_MDO /
CAL_ADDR16 /
Low
——
—
CAL_ADDR[28]21
ALT_MSEO[0]12
Calibration Address Bus
Nexus Msg Start/End Out
PCR[345]
—
O
O
VDDE1213
VDDE714
Fast
O / Low17
ALT_MSEO16 /
CAL_ADDR17/
Low
—
118
C15
CAL_ADDR[29]21
ALT_MSEO[1]12
Calibration Address Bus
Nexus Msg Start/End Out
PCR[345]
—
O
O
VDDE1213
VDDE714
Fast
O / Low17
ALT_MSEO16 /
CAL_ADDR17/
Low
—
117
E16
CAL_ADDR[30]21
ALT_EVTI12
Calibration Address Bus
Nexus Event In
PCR[345]
—
O
I
VDDE1213
VDDE714
Fast
—18
ALT_EVTI /
CAL_ADDR19
—
116
E15
ALT_EVTO
Nexus Event Out
PCR[344]
—
O
VDDE1213
VDDE714
Fast
O / Low
ALT_EVTO /
High
—
120
D15
ALT_MCKO
Nexus Msg Clock Out
PCR[344]
—
O
VDDE1213
VDDE714
Fast
O / Low
ALT_MCKO /
Enabled
—14
F15
NEXUSCFG11
Nexus/Calibration bus
selector
—
—
I
VDDE12
Fast
I / Down
NEXUSCFG /
Down
——
—
CAL_CS[0]11
Calibration Chip Selects
PCR[336]
—
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
—
CAL_CS[2]11
CAL_ADDR[10]
Calibration Chip Selects
Calibration Address Bus
PCR[338]
11
10
O
O
VDDE12
Fast
O / High
CAL_CS / High
—
—
—
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com