Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  High performance e200z335 core processor
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 132 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
64
,
VDDEH6
(a,b)
78, 93
95, 110
F13
3.3 V –
5.0 V
RESET, RSTOUT,
WKPCFG, BOOTCFG1,
PLLREF, SCK_B,
PCKCFG[0],
CAN_A_TX, CAN_A_RX,
CAN_C_TX, CAN_C_RX,
SCI_A_TX, SCI_A_RX,
SCI_B_TX, SCI_B_RX,
SCK_B, SIN_B, SOUT_B,
DSPI_B_PCS_B[0:5],
eMIOS[4],
eMIOS[8:15], eMIOS[23],
XTAL, EXTAL
VDDEH72
102, 113
125, 138
D12
3.3 V –
5.0 V
PCKCFG[1],
MDO[0:3], EVTI, EVTO,
MCKO, MSEO[0:1], TDO,
TDI, TMS, TCK, JCOMP,
AN[12:15]
(GPIO[98:99],
GPIO[206:207])
VDDE123
VDDE7
—
16, 119
E13, P6
1.8 V –
3.3 V
CAL_ADDR[12:30],
CAL_DATA[0:15],
CAL_CS[0], CAL_CS[2:3],
CAL_RD_WR,
CAL_WE[0:1], CAL_OE,
CAL_TS, ALT_MCKO,
ALT_EVTO, NEXUSCFG
1 These are nominal voltages. All VDDE and VDDEH voltages are –5%, +10% (VDDE 1.62 V to 3.6 V,
VDDEH 3.0 V to 5.5 V). VDDA is +5%, –10%.
2 The VDDEH7 segment may be powered from 3.0 V to 5.0 V for mux address or SSI functions, but must
meet the VDDA specifications of 4.5 V to 5.25 V for analog input function.
3 In the calibration package this signal is named VDDE12; it is named VDDE7 in all other packages.
Table 6. MPC563x Power/Ground Segmentation (continued)
Power
Segment
144-LQFP
Pin
Number
176-LQFP
Pin
Number
208-BGA
Pin
Number
Voltage
Range1
I/O Pins Powered
by Segment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com