Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  High performance e200z335 core processor
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5634M Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5634M
Rev. 8, Feb 2011
© Freescale Semiconductor, Inc., 2008, 2010–2011. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5634M
208 MAPBGA
17 x 17 mm
144 LQFP
20 x 20 mm
100 LQFP
14 x 14 mm
176 LQFP
24 x 24 mm
MPC5634M Microcontroller
Data Sheet
• Operating Parameters
– Fully static operation, 0 MHz – 80 MHz (plus 2%
frequency modulation - 82 MHz)
– –40
C to 150 C junction temperature operating range
– Low power design
– Less than 400 mW power dissipation (nominal)
– Designed for dynamic power management of core
and peripherals
– Software controlled clock gating of peripherals
– Low power stop mode, with all clocks stopped
– Fabricated in 90 nm process
– 1.2 V internal logic
– Single power supply with 5.0 V
  5% (4.5 V to
5.25 V) with internal regulator to provide 3.3 V and
1.2 V for the core
– Input and output pins with 5.0 V
  5% (4.5 V to
5.25 V) range
– 35%/65% VDDE CMOS switch levels (with
hysteresis)
– Selectable hysteresis
– Selectable slew rate control
– Nexus pins powered by 3.3 V supply
– Designed with EMI reduction techniques
– Phase-locked loop
– Frequency modulation of system clock frequency
– On-chip bypass capacitance
– Selectable slew rate and drive strength
• High performance e200z335 core processor
– 32-bit Power Architecture Book E programmer’s model
– Variable Length Encoding Enhancements
– Allows Power Architecture instruction set to be
optionally encoded in a mixed 16 and 32-bit
instructions
– Results in smaller code size
– Single issue, 32-bit Power Architecture Book E
compliant CPU
– In-order execution and retirement
– Precise exception handling
– Branch processing unit
– Dedicated branch address calculation adder
– Branch acceleration using Branch Lookahead
Instruction Buffer
– Load/store unit
– One-cycle load latency
– Fully pipelined
– Big and Little Endian support
– Misaligned access support
– Zero load-to-use pipeline bubbles
– Thirty-two 64-bit general purpose registers (GPRs)
– Memory management unit (MMU) with 16-entry
fully-associative translation look-aside buffer (TLB)
– Separate instruction bus and load/store bus
– Vectored interrupt support
– Interrupt latency < 120 ns @ 80 MHz (measured from
interrupt request to execution of first instruction of
interrupt exception handler)
– Non-maskable interrupt (NMI) input for handling
external events that must produce an immediate
response, e.g., power down detection. On this device, the
NMI input is connected to the Critical Interrupt Input.
(May not be recoverable)
– Critical Interrupt input. For external interrupt sources
that are higher priority than provided by the Interrupt
Controller. (Always recoverable)
– New ‘Wait for Interrupt’ instruction, to be used with new
low power modes
– Reservation instructions for implementing
read-modify-write accesses
– Signal processing extension (SPE) APU


Similar Part No. - MPC5634M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 106P
Microcontroller
MPC5634M FREESCALE-MPC5634M Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634MF0MLQA4 FREESCALE-MPC5634MF0MLQA4 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634MF0MLQA6 FREESCALE-MPC5634MF0MLQA6 Datasheet
2Mb / 118P
microcontroller units (MCUs)
MPC5634MF0MLQA8 FREESCALE-MPC5634MF0MLQA8 Datasheet
2Mb / 118P
microcontroller units (MCUs)
More results

Similar Description - MPC5634M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
DUAL-CORE PROCESSOR
logo
Motorola, Inc
MC68349 MOTOROLA-MC68349 Datasheet
211Kb / 7P
HIGH PERFORMANCE INTEGRATED PROCESSOR
logo
National Semiconductor ...
NS32CG16-10 NSC-NS32CG16-10 Datasheet
728Kb / 82P
High-Performance Printer / Display Processor
logo
C-Media Electronics
CMI8787 CMEDIA-CMI8787 Datasheet
723Kb / 28P
High Performance PCI Audio Processor
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_11 Datasheet
726Kb / 124P
High-performance e200z4d dual core
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
High performance ??Intel Core i7/Core i5 processor technology
logo
Texas Instruments
OMAP5910JGDY2 TI1-OMAP5910JGDY2 Datasheet
2Mb / 171P
Dual-Core Processor
logo
Protech Systems Co., Lt...
SP-7627 PROTECHSYSTEMS-SP-7627 Datasheet
922Kb / 2P
High Performance Intel 3rd Gen. Core??i5/i3 and Pentium짰 Processor 19
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
high-performance Quad-core application processor
Revision 1.2 Feb. 2018
RK3566 ROCKCHIP-RK3566 Datasheet
557Kb / 3P
A high-performance and low power quad-core application processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com