Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  High performance e200z335 core processor
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 132 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
82
IDDH1
IDDH6
IDDH7
IDD7
IDDH9
IDD12
CC
D Operating current
VDDE
23 supplies @
80 MHz
VDDEH1
—
—
See note 23
mA
DVDDEH6
——
DVDDEH7
——
DVDDE7
——
DVDDEH9
——
DVDDE12
——
IACT_S
CC
C Slow/medium I/O weak
pull up/down current24
3.0 V – 3.6 V
15
—
95
A
P
4.75 V –
5.25 V
35
—
200
IACT_F
CC
D Fast I/O weak pull
up/down current24
1.62 V –
1.98 V
36
—
120
A
D
2.25 V –
2.75 V
34
—
139
D
3.0 V – 3.6 V
42
—
158
IACT_MV_PU
CC
C Multi-voltage pad weak
pullup current
VDDEH=
3.0–3.6 V10,
pad_multv_hv,
all process
corners,
high swing
mode only
10
—
75
A
P
4.75 V –
5.25 V
25
—
200
IACT_MV_PD
CC
C Multivoltage pad weak
pulldown current
VDDEH=
3.0–3.6 V10,
pad_multv_hv,
all process
corners,
high swing
mode only
10
—
60
A
P
4.75 V –
5.25 V
25
—
200
IINACT_D
CC
P I/O input leakage
current25
—–2.5
—
2.5
A
IIC
CC
T DC injection current
(per pin)
—–1.0
—
1.0
mA
IINACT_A
CC
P Analog input current,
channel off, AN[0:7],
AN38, AN3926
—
–250
—
250
nA
P Analog input current,
channel off, all other
analog pins (ANx)26
—
–150
—
150
Table 19. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value2
Unit
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com