Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  High performance e200z335 core processor
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 132 page
background image
AN[38]-AN[8]-
ANW
Single Ended Analog Input
Multiplexed Analog Input
—
—
I
VDDA
I / –
AN[38] / –
9
9
B3
AN[39]-AN[10]-
ANY
Single Ended Analog Input
Multiplexed Analog Input
—
—
I
VDDA
I / –
AN[39] / –
8
8
D2
VRH
Voltage Reference High
—
—
I
VDDA
– / –
VRH
134
163
A8
VRL
Voltage Reference Low
—
—
I
VSSA0
– / –
VRL
133
162
A9
REFBYPC
Bypass Capacitor Input
—
—
I
VRL
– / –
REFBYPC
135
164
B7
eTPU2
eTPU_A[0]
eTPU_A[12]
eTPU_A[19]
GPIO[114]
eTPU_A Ch.
eTPU_A Ch.
eTPU_A Ch.
GPIO
PCR[114]
011
010
100
000
I/O
O
O
I/O
VDDEH1b
Slow
– / WKPCFG
– / WKPCFG
52
61
L4, N3
eTPU_A[1]
eTPU_A[13]
GPIO[115]
eTPU_A Ch.
eTPU_A Ch.
GPIO
PCR[115]
01
10
00
I/O
O
I/O
VDDEH1b
Slow
– / WKPCFG
– / WKPCFG
51
60
M3
eTPU_A[2]
eTPU_A[14]
GPIO[116]
eTPU_A Ch.
eTPU_A Ch.
GPIO
PCR[116]
01
10
00
I/O
O
I/O
VDDEH1b
Slow
– / WKPCFG
– / WKPCFG
50
59
P2
eTPU_A[3]
eTPU_A[15]
GPIO[117]
eTPU_A Ch.
eTPU_A Ch.
GPIO
PCR[117]
01
10
00
I/O
O
I/O
VDDEH1b
Slow
– / WKPCFG
– / WKPCFG
49
58
P1
eTPU_A[4]
eTPU_A[16]
GPIO[118]
eTPU_A Ch.
eTPU_A Ch.
GPIO
PCR[118]
01
10
00
I/O
O
I/O
VDDEH1b
Slow
– / WKPCFG
– / WKPCFG
47
56
N2
eTPU_A[5]
eTPU_A[17]
DSPI_B_SCK_LVDS-
GPIO[119]
eTPU_A Ch.
eTPU_A Ch.
DSPI_B CLOCK LVDS-
GPIO
PCR[119]
001
010
100
000
I/O
O
O
I/O
VDDEH1b
Slow
– / WKPCFG
– / WKPCFG
45
54
M4
eTPU_A[6]
eTPU_A[18]
DSPI_B_SCK_LVDS+
GPIO[120]
eTPU_A Ch.
eTPU_A Ch.
DSPI_B Clock LVDS+
GPIO
PCR[120]
001
010
100
000
I/O
O
O
I/O
VDDEH1b
Medium
– / WKPCFG
– / WKPCFG
44
53
L3
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset State5
Function / State
After Reset6
Pin No.
144
LQFP
176
LQFP
208 MAPB
GA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com