Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4225 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MIC4225 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
2
M9999-061109-A
(408) 944-0800
Ordering Information
Pin Configuration
8-Pin SOIC (YM)
8-Pin ePAD MSOP (YMME)
8-Pin SOIC (YM)
8-Pin ePAD MSOP (YMME)
8-Pin SOIC (YM)
8-Pin ePAD-MSOP (YMME)
Pin Description
Part Number
Configuration
Junction Temp. Range
Package
Lead Finish
MIC4223YM
Dual Inverting
–40° to +125°C
8-pin SOIC
Pb-Free
MIC4223YMME
Dual Inverting
–40° to +125°C
8-pin EPAD-MSOP
Pb-Free
MIC4224YM
Dual Non-inverting
–40° to +125°C
8-pin SOIC
Pb-Free
MIC4224YMME
Dual Non-inverting
–40° to +125°C
8-pin EPAD-MSOP
Pb-Free
MIC4225YM
Inverting + Non-inverting
–40° to +125°C
8-pin SOIC
Pb-Free
MIC4225YMME
Inverting + Non-inverting
–40° to +125°C
8-pin EPAD-MSOP
Pb-Free
Pin Number
Pin Name
Pin Function
1
ENA
Enable pin for output A. TTL/CMOS-compatible logic input. A logic-level high enables the
device. An internal pull-up enables the part if pin is open. A logic-level low disables the device
and the output will be low regardless of the input state.
2
INA
Control Input A: TTL/CMOS-compatible logic input. Connect to VDD or ground if not used and
connect ENA to ground to disable driver A.
3
GND
Ground
4
INB
Control Input B: TTL/CMOS compatible logic input. Connect to VDD or ground if not used and
connect ENB to ground to disable driver B.
5
OUTB
Output B: Parallel Bipolar/CMOS output.
6
VDD
Voltage Supply Input: +4.5V to +18V
7
OUTA
Output A: Parallel Bipolar/CMOS output.
8
ENB
Enable pin for output B. TTL/CMOS-compatible logic input. A logic-level high enables the
device. An internal pull-up enables the part if pin is open. A logic-level low disables the device
and the output will be low regardless of the input state.
EP
GND
Exposed thermal pad for ePad MSOP package only (Not available on SOIC-8L package).
Connect to ground. Must make a full connection to the ground plane to maximize thermal
performance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com