Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4225 Datasheet(PDF) 12 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 12 Page - MIC GROUP RECTIFIERS

Back Button MIC4225 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 15Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 16Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
12
M9999-061109-A
(408) 944-0800
Bypass Capacitor Selection
Bypass capacitors are required for proper operation by
supplying the charge necessary to drive the external
MOSFETs as well as minimize the voltage ripple on the
supply pins.
Ceramic capacitors are recommended because of their
low impedance and small size. Z5U type ceramic capacitor
dielectrics are not recommended due to the large change
in
capacitance
over
temperature
and
voltage.
Manufacturer specifications should be checked to insure
voltage and temperature do not reduce the capacitance
below the value needed. A minimum value of 1µF is
required regardless of the MOSFETs being driven. Larger
MOSFETs, with their higher input capacitance may require
larger decoupling capacitance values for proper operation.
The voltage rating of the capacitors depends on the supply
voltage, ambient temperature and the voltage derating
used for reliability.
Placement of the decoupling capacitors is critical. The
bypass capacitor for VDD should be placed as close as
possible between the VDD and GND pins. The etch
connections must be short, wide and direct. The use of a
ground plane to minimize connection impedance is
recommended. Multiple vias insure a low inductance path
and help with power dissipation. Refer to the section on
layout and component placement for more information.
Grounding, Component Placement and Circuit Layout
Nanosecond switching speeds and ampere peak currents
in and around the MOSFET driver necessitate proper
placement and trace routing of all components. Improper
placement may cause degraded noise immunity, false
switching and excessive ringing.
Figure 6 shows the critical current paths when the driver
outputs go high and turn on the external MOSFETs. It also
helps demonstrate the need for a low impedance ground
plane. Charge needed to turn-on the MOSFET gates
comes from the decoupling capacitors CVDD. Current in the
gate driver flows from CVDD through the internal driver, into
the MOSFET gate and out the Source. The return
connection back to the decoupling capacitor is made
through the ground plane. Any inductance or resistance in
the ground return path causes a voltage spike or ringing to
appear on the source of the MOSFET. This voltage works
against the gate drive voltage and can either slow down or
turn off the MOSFET during the period where it should be
turned on.
Figure 6. Driver Turn-On Current Path
Figure 7 shows the critical current paths when the driver
outputs go low and turn off the external MOSFETs. Short,
low impedance connections are important during turn-off
for the same reasons given in the turn-on explanation.
Current from the VDD supply replenishes charge in the
decoupling capacitor, CVDD.
Figure 7. Driver Turn-Off Current Path
The following circuit guidelines should be adhered to for
optimum circuit performance:
The VDD bypass capacitor must be placed close to the
VDD and ground pins. It is critical that the etch length
between the decoupling capacitor and the VDD and GND
pins be minimized to reduce pin inductance. Multiple vias
in parallel help minimize inductance in the ground and VDD
paths.
A ground plane is recommended to minimize parasitic
inductance and impedance of the return paths. The
MIC4223 family of drivers is capable of high peak currents
and very fast transition times.
Any impedance between
the driver, the decoupling capacitors and the external
MOSFET will degrade the performance of the circuit.
Trace out the high di/dt and dv/dt paths, as shown in
Figures 6 and 7 and minimize etch length and loop area
for
these connections. Minimizing
these
parameters
decreases the parasitic inductance and the radiated EMI
generated by fast rise and fall times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com