Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4225 Datasheet(PDF) 7 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 7 Page - MIC GROUP RECTIFIERS

Back Button MIC4225 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 11Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
7
M9999-061109-A
(408) 944-0800
Conditions: TA = 25ºC.
Propagation Delay (tD2)
vs. VDD
0
5
10
15
20
25
30
35
40
45
50
4
6
8
10
12141618
VDD (V)
Output Source Resistance
vs. Temperature
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
120 140
Temperature (°C)
Output Sink Resistance
vs. Temperature
10
20
30
40
-40
-20
0
20
40
60
80
100
120 140
Temperature (°C)
Output Rise Time
vs. Temperature
8
10
12
14
16
18
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
Output Fall Time
vs. Temperature
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
Prop. Delay (Inverting)
vs. Temperature
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
120 140
Temperature (°C)
Prop. Delay (Non-Inverting)
vs. Temperature
0
10
20
30
40
50
-40
-20
0
20
40
60
80
100
120 140
Temperature (°C)
Enable to Output Delay
(tD3) vs. Temperature
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
100
120 140
Temperature (°C)
Enable to Output Delay
(tD4) vs. Temperature
30
40
50
60
70
80
-40
-20
0
20
40
60
80
100
120 140
Temperature (°C)
VDD = 4.5V
VDD = 12V
VDD = 18V
VDD = 18V
VDD = 4.5V
VDD = 12V
CL = 2nF
VDD = 18V
VDD = 12V
VDD = 4.5V
CL = 2nF
VDD = 18V
VDD=12V
VDD = 4.5V; tD2
10nF
4.7nF
IDD = 10mA
VDD = 4.5V
IDD = 10mA
VDD = 4.5V; tD1
VDD = 12V; tD1
VDD = 12V; tD2
CL = 2nF
VDD = 4.5V; tD2
VDD = 4.5V; tD1
VDD = 12V; tD1
VDD = 12V; tD2
CL = 2nF
CL = 2nF
VDD = 4.5V
VDD = 18V
VDD = 12V
CL = 2nF
VDD = 4.5V
VDD = 18V
VDD = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com