Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4225 Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MIC4225 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
5
M9999-061109-A
(408) 944-0800
Typical Characteristics
Conditions: TA =25ºC.
VINA, B Threshold vs. VDD
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
4
6
8
1012
1416
18
VDD (V)
VINA, B Threshold vs.
Temperature
1.7
1.8
1.9
2.0
2.1
2.2
2.3
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
VENA, B Threshold vs. VDD
1.0
1.2
1.4
1.6
1.8
2.0
4
6
8
10
1214
1618
VDD (V)
Enable Threshold vs.
Temperature
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
IDD vs. VDD (Disabled)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
4
6
8
101214
16
18
VDD (V)
IDD vs. VDD (Enabled)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
4
6
8
10
12
14
16
18
VDD (V)
IDD vs. Temperature
(Disabled)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
IDD vs. Temperature
(Enabled)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-40
-20
0
20406080
100 120 140
Temperature (°C)
IDD vs. Temperature
(Switching)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40
-20
0
20
40
60
80
100 120
140
Temperature (°C)
IDD vs. Frequency (VDD = 5V)
Both Drivers Switching
0
10
20
30
40
50
0
500
1000
1500
2000
Frequency (kHz)
IDD vs. Frequency (VDD = 5V)
Both Drivers Switching
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
Frequency (kHz)
IDD vs. Frequency (VDD = 12V)
Both Drivers Switching
0
20
40
60
80
100
120
0
500
1000
1500
2000
Frequency (kHz)
VDD = 12; VIN = 0
VIH
VIL
VIH
VIL
VEN_H
VEN_L
VEN_H
VEN_L
VINA = VINB = VDD
VINA = VINB = 0
VINA = VINB = 0
VINA=VINB=VDD
VDD = 4.5V; VIN = VDD
VDD = 12; VIN = VDD
VDD = 4.5V; VIN = 0
VDD = 12V; VIN = 0
VDD = 12; VIN = VDD
VDD = 4.5; VIN = VDD
VDD = 4.5V; VIN = 0
VDD = 4.5V; VIN = 500kHz
VDD = 12V; VIN = 500kHz
2.2nF
470pF
1nF
10nF
4.7nF
2.2nF
1nF
470pF
VDD =12V
VDD =12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com