Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4225 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4225
Description  Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4225 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4225 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4225 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel, Inc.
MIC4223/MIC4224/MIC4225
June 2009
3
M9999-061109-A
(408) 944-0800
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)....................................................+20V
Input Voltage (VINA, VINB) ................ VDD + 0.3V to GND - 5V
Enable Voltage (VENA, VENB)…..…….... ...0.3V to VDD + 0.3V
Junction Temperature (TJ) .........................-55°C to +150°C
Storage Temperature ................................ –65°C to +150°C
Lead Temperature (10 sec.)....................................... 300°C
ESD Rating................................. HBM = 2kV, MM = 200V
(3)
Operating Ratings
(2)
Supply Voltage (VDD)..................................... +4.5V to +18V
Junction Temperature (TJ) ........................ –40°C to +125°C
Package Thermal Resistance
EPAD MSOP (
θ
JA) ............................................. 60°C/W
SOIC (
θ
JA) ........................................................ 120°C/W
Electrical Characteristics
4.5V
≤ V
DD ≤ 18V; CL = 2000pF. TA = 25°C, bold values indicate full operating junction temperature range, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Input
VIH
Logic 1 Input Voltage
2.4
2.2
V
VIL
Logic 0 Input Voltage
1.95
0.8
V
Hysteresis
0.25
V
0
≤ VIN ≤ VDD
–1
–10
1
10
µA
µA
IIN
Input Current
VIN = -5V
-40
mA
Output
VOH
High Output Voltage
IOUT = -10mA, VDD = 18V
VDD - 0.45
V
VOL
Low Output Voltage
IOUT = 10mA, VDD = 18V
0.30
V
RO
Output Resistance – Source
Output Resistance – Sink
IOUT = -10mA, VDD = 18V
IOUT = 10mA, VDD = 18V
30
16
45
30
Ω
VDD = 8V
±3
IPK
Peak Output Current
VDD = 12V
±4
A
I
Latch-Up Protection
Withstand reverse current
>500
mA
Switching Time
tR
Rise Time
Test Figure 1; CL = 2000pF
15
40
ns
tF
Fall Time
Test Figure 1; CL = 2000pF
15
40
ns
tD1
Delay Time
Test Figure 1; CL = 2000pF
25
45
ns
tD2
Delay Time
Test Figure 1; CL = 2000pF
35
50
ns
Enable (ENA, ENB)
VEN_H
High Level Enable Voltage
LO to HI transition
2.4
1.9
V
VEN_L
Low Level Enable Voltage
HI to LO transition
1.55
0.8
V
Hysteresis
0.35
V
REN
Enable Impedance
VDD = 18V, VENA = VENB = GND
100
k
Ω
tD3
Propagation Delay Time
CL = 2000pF
20
60
ns
tD4
Propagation Delay Time
CL = 2000pF
45
150
ns
Power Supply
ISH
Power Supply Current
VINA = VINB = 3.0V, VENA = VENB = open
1.7
2.5
mA
ISL
Power Supply Current
VINA = VINB = 0.0V, VENA = VENB = open
0.7
1.5
mA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com