Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3544L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3544L-S08-R
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  3544L-S08-R Datasheet HTML 1Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 6Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 7Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 8Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3544
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R107-040,C
PIN DESCRIPTIONS
PIN NO.
PIN NAME
I/O
PIN VOLTAGE
INTERNAL EQUIVALENT CIRCUIT
FUNCTION
1
7
OUT1
OUT2
O
O
2.1V
2.1V
(VCC=5V)
Vcc
10k
1
7
Output pin
2
MUTE
I
0.1V
(When open)
Mute control pin
(set to low for
prevention of
popping noise
when power is
turned on and off).
Operating: High
Muting: Low(open)
3
5
IN1
IN2
I
I
2.1V
2.1V
(VCC=5V)
3
5
Vcc
180k
BIAS
Input pin
6
BIAS
I/O
2.1V
(VCC=5V)
Bias pin (the
external 47μF
capacitor also
serves as the
anti-pop time
constant, therefore
make the proper
considerations be
changing it).
4
GND
I
8
VCC
I



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com