Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3544L-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 3544L-S08-R
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544L-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 3544L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 6Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 7Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 8Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 9Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3544
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R107-040,C
TYPICAL CHARACTERISTICS
Quiescent Current vs. Power Supply Voltage
Pin DC Current vs. Power Supply Voltage
0
2
10
9
8
7
6
5
4
3
2
1
0
46
8
10
Supply Voltage, Vcc (V)
Ta=25℃
RL=32Ω
Supply Voltage, Vcc(V)
5
4
3
2
1
0
0
24
6
8
10
5
4
3
2
1
0
Ta=25℃
RL=32Ω
MUTE: OFF
MUTE: ON
2
6
8
4
0
10
-2
-4
-6
-8
-10
-12
100
1k
100k
10k
Frequency, F(Hz)
Voltage Gain vs. Frequency
Ta=25℃
RL=32Ω
Vcc=5V
0
0.4
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
0.8
1.2
1.6
2
Mute Control Voltage, VTM (V)
Output Voltage vs. Mute Control Voltage
Ta=25℃
RL=32Ω
Vcc=5V
VIN=0dBV
f=1kHz
10
1
0.1
0.01
0.001
-40
-30
-20
10
-10
0
Output Voltage, VOUT (dBV)
Total Harmonic Distortion vs. Output Voltage ( I )
Ta=25℃
RL=32Ω
Vcc=5V
f=10kHz
f=1kHz
f=100Hz
10
1
0.1
0.01
0.001
-40
-30
-20
10
-10
0
Total Harmonic Distortion vs. Output Voltage ( II )
f=10kHz
f=1kHz
f=100Hz
Ta=25℃
RL=32Ω
Vcc=3V
Output Voltage, VOUT (dBV)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com