Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3544L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3544L-S08-R
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3544L-S08-R Datasheet HTML 1Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 6Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 7Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 8Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3544
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R107-040,C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Applied Voltage
VMAX
7.0
V
450
mW
Power Dissipation
Derate above 25°C
PD
4.5
mW/°C
Operating Temperature
TOPR
-25 ~ +75
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Supply Voltage
VCC
2.8
6.5
V
ELECTRICAL CHARACTERISTICS (Ta=25°C, VCC=5.0V, RL=32Ω, VIN= -6dBV, f=1kHz)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Mute Pin Control Voltage
VTM
0.3
0.7
1.6
V
Quiescent Current
IQ
VIN=0Vrms
4
7
10
mA
Voltage Gain
Gv
4
6
8
dB
Voltage Gain Difference Between Channels
△
Gv(DIFF)
-0.5
0
0.5
dB
Total Harmonic Distortion
THD
BW=20~20kHz
0.02
0.1
%
Rated Output 1
Po1
RL=32Ω,THD<0.1%
25
31
mW
Rated Output 2
Po2
RL=16Ω,THD<0.1%
50
62
mW
Output Noise Voltage
eN
BW=20~20kHz,Rg=0Ω
-93
-85
dBV
Channel Separation
CS
Rg=0Ω
82
90
dB
Mute Attenuation
ATT
Rg=0Ω
70
80
dB
Ripple Rejection
RR
fRR=100Hz, VRR= -20dBV
50
57
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com