Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3544L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3544L-S08-R
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  3544L-S08-R Datasheet HTML 1Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 6Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 7Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 8Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3544
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R107-040,C
MEASUREMENT CIRCUIT
8
7
65
12
34
BIAS
90K
90K
6dB
6dB
TSD
MUTE
+
+
OUT1
MUTE
IN1
GND
Vcc
OUT2
BIAS
IN2
V
V
SW5
VIN2
1
2
1μ
47μ +
330μ
+
SW7
1
2
32
16
V2AC
+
10μ
A
SW8B
IQ
12
SW8A
VRR
Vcc
330μ
+
SW1
1
2
32
16
V1AC
VTM
SW3
VIN1
1
2
1μ
MEASUREMENT CONDITIONS
SW TABLE
SIGNAL
SW1
SW3
SW5
SW7
SW8A
SW8B
MONITOR
CONDITIONS
IQ
1
1
1
1
2
OFF
IQ
VTM
GVC
1
2
2
1
2
ON
V1AC,V2AC
f=1kHz,VIN1/2=-6dBV,
VTM=1.6V
Gvc
△
GVC1 – GVC2
THD
1
2
2
1
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=1.6V
Po1
1
2
2
1
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=1.6V
Po2
2
2
2
2
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=1.6V
VNO
1
1
1
1
2
ON
V1AC,V2AC
CS
1
1
1
2
2
1
1
1
2
2
ON
ON
V1AC,V2AC
V1AC,V2AC
fin=1kHz,VIN2= -6dBV,
VTM=1.6V
fin=1kHz,VIN1= -6dBV,
VTM=1.6V
ATT
1
2
2
1
2
ON
V1AC,V2AC
fin=1kHz,VIN1/2= -6dBV,
VTM=0.3VB
RR
1
1
1
1
1
ON
V1AC,V2AC
VRR= -20dBV, fRR=100Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com