Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3544L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3544L-S08-R
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3544L-S08-R Datasheet HTML 1Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 2Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 3Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 4Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 5Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 6Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 7Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 8Page - Unisonic Technologies 3544L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3544
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R107-040,C
HEADPHONE AMPLIFIER FOR
CD-ROMS
DESCRIPTION
As a dual headphone amplifier the UTC 3544 is digital-source.
The UTC 3544 has a steady gain of 6dB and so it is unnecessary for
external gain setting. The UTC 3544 has internal mute function so
that it is greatly simplified for prevention of the popping sound when
power is turned on and off. To prevent damage from short circuits
the UTC 3544 is equipped with thermal shutdown circuit.
FEATURES
* Internal mute function to prevent popping sounds when *the power
is turned on and off.
* Built-in thermal shutdown circuit (150°C) to prevent *damage to the
IC if a short circuit occurs.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
3544L-D08-T
3544G-D08-T
DIP-8
Tube
3544L-S08-R
3544G-S08-R
SOP-8
Tape Reel


Similar Part No. - 3544L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3544L-D08-T UTC-3544L-D08-T Datasheet
354Kb / 10P
HEADPHONE AMPLIFIER FOR CD-ROMS
More results

Similar Description - 3544L-S08-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
BTL driver for CD-ROMs
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
Motor driver for CD-ROMs
BH3541F ROHM-BH3541F Datasheet
122Kb / 8P
Headphone amplifier for CD-ROMs
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
2-channel Bridge Driver for CD and CD-ROMs
LA6537 SANYO-LA6537 Datasheet
93Kb / 4P
4-channel Bridge Driver for CD and CD-ROMs
logo
New Japan Radio
NJM2769B NJRC-NJM2769B Datasheet
308Kb / 7P
HEADPHONE AMPLIFIER for CD-ROM
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
3-Phase Motor Driver for CD-ROMs
logo
Unisonic Technologies
3544 UTC-3544 Datasheet
92Kb / 9P
HEADPHONE AMPLIFIER FOR CD-ROMS
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
HEADPHONE AMPLIFIER for CD-ROM
logo
Unisonic Technologies
3544 UTC-3544_15 Datasheet
354Kb / 10P
HEADPHONE AMPLIFIER FOR CD-ROMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com