Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASY-007028-SW01TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASY-007028-SW01TB
Description  Synthesizer, SMT for RFID
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASY-007028-SW01TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASY-007028-SW01TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Synthesizer, SMT for RFID
Covering all UHF Bands
Rev. V2
MASY-007028-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Fully Integrated VCO, PLL, Loop Filter
• Includes TCXO with <10 PPM Stability
• Low Phase Noise
• High Performance, Low Cost
• Covers US, European and Japanese RFID Bands
• Lead-Free Land Grid Array Package
• Tape and Reel Packaging Available
• 260°C Reflow Compatible
• RoHS* Compliant
Ordering Information
1, 4
Model No.
Band
MASY-007028-0001TR
US
MASY-007028-000100
US
MASY-007028-0001TB
US
Frequency
Package
902 - 928 MHz
Tape and Reel
902 - 928 MHz
Bulk
902 - 928 MHz
Sample Board
2
MASY-007028-SW01TB
US
902 - 928 MHz
Sample Board
3
MASY-007028-0001TR
European
865 - 868 MHz
Tape and Reel
MASY-007028-000100
European
865 - 868 MHz
Bulk
MASY-007028-0001TB
European
865 - 868 MHz
Sample Board
2
MASY-007028-SW01TB
European
865 - 868 MHz
Sample Board
3
MASY-007028-0002TR
Japanese
950 - 956 MHz
Tape and Reel
MASY-007028-000200
Japanese
950 - 956 MHz
Bulk
MASY-007028-0002TB
Japanese
950 - 956 MHz
Sample Board
2
MASY-007028-SW02TB
Japanese
950 - 956 MHz
Sample Board
3
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Description
This synthesizer design integrates a high perform-
ance VCO, PLL IC, and discrete loop filter into a
surface mount package. A high stability frequency
reference is also included. This SMT package pro-
vides electrical shielding, easy PCB assembly, and
repeatable performance.
Applications
These synthesizers are well suited for applications
where small size and high performance is required.
This synthesizer is specifically targeted for the
RFID market in the United States, European, and
Japanese bands.
This synthesizer can also be
used for other applications in these frequency
ranges.
1.
The US and European bands share the same part. The listings are separated to illustrate the different frequencies.
2.
This is the synthesizer installed on a sample board. This does not include the evaluation software or the test cable.
3.
This is the synthesizer installed on a sample board. It also includes software (including a brief manual on how to use the software), and
a cable to interface with a Windows™ based PC having a parallel port.
4.
Reference Application Note M513 for reel size information.


Similar Part No. - MASY-007028-SW01TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASY-007028-SW01TB MACOM-MASY-007028-SW01TB Datasheet
481Kb / 12P
Synthesizer, SMT for RFID Covering all UHF Bands
More results

Similar Description - MASY-007028-SW01TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASY-007028-000100 MACOM-MASY-007028-000100 Datasheet
481Kb / 12P
Synthesizer, SMT for RFID Covering all UHF Bands
MAVC-060000-100144 MACOM-MAVC-060000-100144 Datasheet
197Kb / 3P
Synthesizer , SMT Fixed Frequency, 144 MHz
MAVC-060000-530768 MACOM-MAVC-060000-530768 Datasheet
196Kb / 3P
Synthesizer , SMT Fixed Frequency, 768 MHz
MAVC-060103-130400 MACOM-MAVC-060103-130400 Datasheet
197Kb / 3P
Synthesizer , SMT 400 MHz
logo
NIHON DEMPA KOGYO
WF999A0953CG NDK-WF999A0953CG Datasheet
88Kb / 1P
SAW Filter for RFID For RFID (3-MHz Band)
logo
TDK Electronics
IRLG5AB300X200X0.5 TDK-IRLG5AB300X200X0.5 Datasheet
47Kb / 3P
Magnetic Sheets for RFID Flexield
IFL04 TDK-IFL04 Datasheet
137Kb / 8P
Magnetic Sheets for RFID
logo
BOWEI Integrated Circui...
MPLL10000E-250K BOWEI-MPLL10000E-250K Datasheet
141Kb / 1P
SMT X band phase locked synthesizer
logo
Kemet Corporation
M4100-240X240T0800 KEMET-M4100-240X240T0800 Datasheet
520Kb / 10P
Magnetic Sheet for RFID
logo
TDK Electronics
IFQ06 TDK-IFQ06 Datasheet
478Kb / 6P
Magnetic Sheets for RFID
Ver.5.0 May. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com