Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASY-007028-SW01TB Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MASY-007028-SW01TB
Description  Synthesizer, SMT for RFID
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASY-007028-SW01TB Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MASY-007028-SW01TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Synthesizer, SMT for RFID
Covering all UHF Bands
Rev. V2
MASY-007028-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
11
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Test Cable that is provided with MASY-007028-SWxxTB
20,21
20. Length is 72 inches
21. Connector pins are gold.
MALE 25-PIN
D-SUB CONNECTOR
1
13
14
25
2X 4-40 JACKSCREW
MOLDED PVC HOOD AND
STRAIN RELIEF, LIGHT GRAY
LENGTH
U.L. STYLE 2464 9-CONDUCTOR CABLE, 26 AWG STRANDED
COPPER WIRE, ALUMINIZED POLYESTER SHIELD WITH DRAIN WIRE.
LIGHT GRAY PVC JACKET
FEMALE 9-PIN
D-SUB CONNECTOR
2X 4-40 SCREWLOCK
6
9
1
5
DB25M
DB9F
PIN 8
PIN 1
PIN 3
PIN 2
PIN 2
PIN 3
PIN 20
PIN 4
PIN 7
PIN 5
PIN 6
PIN 6
PIN 4
PIN 7
PIN 5
PIN 8
PIN 22
PIN 9
SHELL
SHELL
Wiring Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com