Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASY-007028-SW01TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASY-007028-SW01TB
Description  Synthesizer, SMT for RFID
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASY-007028-SW01TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASY-007028-SW01TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Synthesizer, SMT for RFID
Covering all UHF Bands
Rev. V2
MASY-007028-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications – Japanese Band
5:
TA = +25°C, Zo = 50 Ω, VDD1 = 3.3V, VDD2 = 3.3V
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
Japanese Band
MHz
952
-
954
Frequency Stability
Over Top
6
ppm
-
-
10
RF Output Power
At 25
°C
Over Top
6
dBm
dBm
+4.0
+3.0
-
+6.2
+7.5
Phase Noise
SSB at 100 Hz offset from carrier
SSB at 1 KHz offset from carrier
SSB at 10 KHz offset from carrier
SSB at 100 KHz offset from carrier
SSB at 200 KHz offset from carrier
SSB at 1 MHz offset from carrier
SSB at 2 MHz offset from carrier
SSB at 3 MHz offset from carrier
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
-
-
-
-
-
-
-
-
-74
-76
-81
-113
-120
-134
-136
-142
-
-
-
-
-
-
-
-
Phase Jitter
From 10 kHz to 100 kHz using brick wall filter
deg rms
-
0.34
-
Harmonic Suppression
2nd
3rd and higher
1.25 * Fo
1.5 * Fo
Sub-harmonics
dBc
dBc
dBc
dBc
dBc
-
-
-
-
-
-35
-35
-80
-85
-80
-20
-25
-60
-60
-60
Spurious Suppression
(Non-Harmonic)
Phase comparison frequency
( ± 200 KHz)
dBc
-
-75
-
Spurious Suppression
(Non-Harmonic)
Reference breakthrough ( ± 16 MHz)
dBc
-
-80
-
Frequency Lock Time
Over Fout, PFD frequency = 200 KHz,
Loop bandwidth = 5 KHz
Measured to within ± 1 kHz
Measured to within ± 10 Hz
us
us
-
-
700
800
-
-
VDD1
7
Recommended Operating Condition
V
+3.00
+3.30
+3.45
IDD1
10
Recommended Operating Condition
mA
-
45
60
VDD2
8
Recommended Operating Condition
V
+3.00
+3.30
+3.45
IDD2
Recommended Operating Condition
mA
-
20
35
RF Impedance
At RX_LO and TX_LO
9
Ω
-
50
-
Isolation
Between RX_LO and TX_LO
dB
-
20
-
Step Size
Over Top
6
KHz
-
200
-
Output Frequencies
For Japanese RFID readers, there are 9 equally spaced
frequencies. The minimum and maximum frequencies are to the
right. There are 8 steps with a step size of 200 KHz.
MHz
952.200
-
953.800
PLL Programming
3-wire serial CMOS in accordance with Analog Devices ADF4360-7.
5.
All specification limits are indicated values @ 25°C and apply over Fout unless otherwise indicated.
6.
Top = -30°C to +70°C operating temperature.
7.
VDD1 is the bias for the TCXO, VCO, and the synthesizer.
8.
VDD2 is the bias for the amplifier.
9.
Opposite port is terminated in 50 ohms.
10. IDD1 includes approximately 10 mA which drives an optional external Lock Detector LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com