Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASY-007028-SW01TB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASY-007028-SW01TB
Description  Synthesizer, SMT for RFID
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASY-007028-SW01TB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASY-007028-SW01TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Synthesizer, SMT for RFID
Covering all UHF Bands
Rev. V2
MASY-007028-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
12,13
Parameter
Absolute Maximum
VDD1 to GND
-0.3V to +3.9V
VDD2 to GND
-0.3V to +6.0V
CLK, DATA, LE, MUXOUT
-0.3V to VDD1 + 0.3V
Operating Temperature
-30°C to +70°C
Storage Temperature
-40°C to +125°C
12. Exceeding any one or combination of these limits may cause
permanent damage to this device.
13. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon and Gallium Arsenide Integrated Circuits
are sensitive to electrostatic discharge (ESD) and
can be damaged by static electricity. Proper ESD
control techniques should be used when handling
these devices.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
21
GND
2
GND
22
GND
3
GND
23
GND
4
GND
24
GND
5
RX_LO
25
CLK
6
GND
26
DATA
7
GND
27
LE
8
TX_LO
28
VDD1
11
9
GND
29
MUXOUT
10
GND
30
CE
11
VDD1
11
31
GND
12
GND
32
VDD1
11
13
GND
33
GND
14
GND
34
GND
15
GND
35
VDD2
16
GND
36
GND
17
GND
37
GND
18
GND
38
GND
19
GND
39
GND
20
GND
40
GND
11. Pins 11, 28, and 32 are not tied together on the synthesizer.
They all must be tied together on the PC Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com