Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASY-007028-SW01TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASY-007028-SW01TB
Description  Synthesizer, SMT for RFID
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASY-007028-SW01TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASY-007028-SW01TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASY-007028-SW01TB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Synthesizer, SMT for RFID
Covering all UHF Bands
Rev. V2
MASY-007028-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications – US & European Bands
5
TA = +25°C, Zo = 50 Ω, VDD1 = 3.3V, VDD2 = 3.3V
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency Range
US Band
European Band
MHz
MHz
902
865
-
-
928
868
Frequency Stability
Over Top
6
ppm
-
-
10
RF Output Power
At 25
°C
Over Top
6
dBm
dBm
+4.0
+3.0
-
+6.2
+7.5
Phase Noise
SSB at 100 Hz offset from carrier
SSB at 1 KHz offset from carrier
SSB at 10 KHz offset from carrier
SSB at 100 KHz offset from carrier
SSB at 200 KHz offset from carrier
SSB at 1 MHz offset from carrier
SSB at 2 MHz offset from carrier
SSB at 3 MHz offset from carrier
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
-
-
-
-
-
-
-
-
-72
-75
-80
-112
-121
-135
-140
-142
-
-
-
-
-
-
-
-
Phase Jitter
From 10 kHz to 100 kHz using brick wall filter
deg rms
-
0.34
-
Harmonic Suppression
2nd
3rd and higher
1.25 * Fo
1.5 * Fo
Sub-harmonics
dBc
dBc
dBc
dBc
dBc
-
-
-
-
-
-35
-35
-80
-85
-80
-20
-25
-60
-60
-60
Spurious Suppression
(Non-Harmonic)
Phase comparison frequency
( ± 50 KHz)
dBc
-
-65
-
Spurious Suppression
(Non-Harmonic)
Reference breakthrough ( ± 16 MHz)
dBc
-
-80
Frequency Lock Time
Over Fout, PFD frequency = 50 KHz,
Loop bandwidth = 5 KHz
Measured to within ± 1 kHz
Measured to within ± 10 Hz
us
us
-
-
700
800
-
-
VDD1
7
Recommended Operating Condition
V
+3.00
+3.30
+3.45
IDD1
10
Recommended Operating Condition
mA
-
45
60
VDD2
8
Recommended Operating Condition
V
+3.00
+3.30
+3.45
IDD2
Recommended Operating Condition
mA
-
25
35
RF Impedance
At RX_LO and TX_LO
9
Ω
-
50
-
Isolation
Between RX_LO and TX_LO
dB
-
20
-
Step Size
Over Top
6
KHz
-
50
-
Output Frequencies
For US RFID readers, there are 50 equally spaced frequen-
cies. The minimum and maximum frequencies are to the right.
There are 49 steps with a step size of 500 KHz.
For European RFID readers, there are 15 equally spaced fre-
quencies. The minimum and maximum frequencies are to the
right. There are 14 steps with a step size of 200 KHz
MHz
MHz
902.750
865.100
-
-
927.250
867.900
PLL Programming
3-wire serial CMOS in accordance with Analog Devices ADF4360-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com