Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CMDFD Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F2136CMDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CMDFD Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F2136CMDFD Datasheet HTML 30Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 31Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 32Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 33Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 34Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 35Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 36Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 37Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 34 of 58
Mar 09, 2011
Notes:
1. VCC/AVCC = Vref = 2.7 to 5.5 V and Topr =
−20 to 85 °C (N version)/−40 to 85 °C (D version), unless otherwise specified.
2. This applies when one D/A converter is used and the value of the DAi register (i = 0 or 1) for the unused D/A converter is 00h.
The resistor ladder of the A/D converter is not included.
Notes:
1.
VCC = 2.7 to 5.5 V, Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.
2.
When the digital filter is disabled.
Notes:
1. VCC = 2.7 to 5.5 V and Topr =
−20 to 85 °C (N version)/−40 to 85 °C (D version), unless otherwise specified.
2. When the digital filter is disabled.
Table 5.4
D/A Converter Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
—
Resolution
——
8
Bit
—
Absolute accuracy
—
—
2.5
LSB
tsu
Setup time
——
3
µs
RO
Output resistor
—6—
k
Ω
IVref
Reference power input current
(Note 2)
—
—
1.5
mA
Table 5.5
Comparator A Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
LVREF
External reference voltage input range
1.4
−
VCC
V
LVCMP1,
LVCMP2
External comparison voltage input
range
−0.3
−
VCC
+ 0.3
V
−
Offset
−
50
200
mV
−
Comparator output delay time (2)
At falling, VI = Vref
− 100 mV
−
3
−µs
At falling, VI = Vref
− 1 V or below
−
1.5
−µs
At rising, VI = Vref + 100 mV
−
2
−µs
At rising, VI = Vref + 1 V or above
−
0.5
−µs
−
Comparator operating current
VCC = 5.0 V
−
0.5
−µA
Table 5.6
Comparator B Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vref
IVREF1, IVREF3 input reference voltage
0
—
VCC
− 1.4
V
VI
IVCMP1, IVCMP3 input voltage
−0.3
—
VCC + 0.3
V
—
Offset
—
5
100
mV
td
Comparator output delay time (2)
VI = Vref ± 100 mV
—
0.1
—
µs
ICMP
Comparator operating current
VCC = 5.0 V
—
17.5
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com