Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CMDFD Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R5F2136CMDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CMDFD Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R5F2136CMDFD Datasheet HTML 41Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 42Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 43Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 44Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 45Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 46Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 47Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 48Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 45 of 58
Mar 09, 2011
Note:
1. 4.2 V
≤ VCC ≤ 5.5 V, Topr = −20 to 85 °C (N version)/−40 to 85 °C (D version), and f(XIN) = 20 MHz, unless otherwise
specified.
Table 5.18
Electrical Characteristics (1) [4.2 V
≤ VCC ≤ 5.5 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOH =
−20 mA VCC − 2.0
—
VCC
V
Drive capacity Low VCC = 5 V IOH =
−5 mA
VCC
− 2.0
—
VCC
V
XOUT
VCC = 5 V
IOH =
−200 µA1.0
—
VCC
V
VOL
Output “L”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOL = 20 mA
—
—
2.0
V
Drive capacity Low VCC = 5 V IOL = 5 mA
—
—
2.0
V
XOUT
VCC = 5 V
IOL = 200
µA—
—
0.5
V
VT+-VT-
Hysteresis INT0, INT1, INT2,
INT3, INT4,
KI0, KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRDIOA0, TRDIOB0,
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRCTRG, TRCCLK,
TRFI, TRGIOA,
TRGIOB, ADTRG,
RXD0, RXD1, RXD2,
CLK0, CLK1, CLK2,
SSI, SCL, SDA, SSO
VCC = 5 V
0.1
1.2
—
V
RESET
VCC = 5 V
0.1
1.2
—
V
IIH
Input “H” current
VI = 5 V, VCC = 5.0 V
—
—
5.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 5.0 V
—
—
−5.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 5.0 V
25
50
100
k
Ω
RfXIN
Feedback
resistance
XIN
—
0.3
—
M
Ω
RfXCIN
Feedback
resistance
XCIN
—
8
—
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com