Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CMDFD Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R5F2136CMDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CMDFD Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R5F2136CMDFD Datasheet HTML 34Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 35Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 36Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 37Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 38Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 39Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 40Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 41Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 38 of 58
Mar 09, 2011
Notes:
1.
The measurement condition is VCC = 1.8 V to 5.5 V and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version).
2.
The voltage detection level varies with detection targets. Select the level with the VCA24 bit in the VCA2 register.
3.
Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet2.
4.
Necessary time until the voltage detection circuit operates after setting to 1 again after setting the VCA27 bit in the VCA2
register to 0.
Notes:
1. The measurement condition is Topr =
−20 to 85 °C (N version)/−40 to 85 °C (D version), unless otherwise specified.
2. To use the power-on reset function, enable voltage monitor 0 reset by setting the LVDAS bit in the OFS register to 0.
Figure 5.3
Power-on Reset Circuit Electrical Characteristics
Table 5.11
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level Vdet2_0 (2)
At the falling of VCC
3.70
4.00
4.30
V
Voltage detection level Vdet2_EXT (2)
At the falling of LVCMP2
TBD
1.34
TBD
V
−
Hysteresis width at the rising of Vcc in voltage detection
2 circuit
−
0.10
−
V
−
Voltage detection 2 circuit response time (3)
At the falling of Vcc from
5 V to (Vdet2_0
− 0.1) V
−
20
150
µs
−
Voltage detection circuit self power consumption
VCA27 = 1, VCC = 5.0 V
−
1.7
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts (4)
−−
100
µs
Table 5.12
Power-on Reset Circuit (2)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
trth
External power VCC rise gradient
(1)
0
—
50,000
mV/ms
Notes:
1. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit.
2. tw(por) indicates the duration the external power VCC must be held below the valid voltage (0.5 V) to enable
a power-on reset. When turning on the power after it falls with voltage monitor 0 reset disabled, maintain
tw(por) for 1 ms or more.
Vdet0 (1)
0.5 V
Internal
reset signal
tw(por) (2)
Voltage detection 0
circuit response time
Vdet0 (1)
External
Power VCC
trth
trth
1
fOCO-S
× 32
1
fOCO-S
× 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com