Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CMDFD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F2136CMDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CMDFD Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F2136CMDFD Datasheet HTML 2Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 3Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 4Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 5Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 6Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 7Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 8Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 9Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
R8C/36M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 6 of 58
Mar 09, 2011
Figure 1.1
Part Number, Memory Size, and Package of R8C/36M Group
Part No. R 5 F 21 36 6 M N XXX FP
Package type:
FP: PLQP0064KB-A
FA: PLQP0064GA-A
ROM number
Classification
N: Operating ambient temperature
−20°C to 85°C
D: Operating ambient temperature
−40°C to 85°C
ROM capacity
4: 16 KB
5: 24 KB
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/36M Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com