Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CMDFD Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F2136CMDFD
Description  The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CMDFD Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F2136CMDFD Datasheet HTML 27Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 28Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 29Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 30Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 31Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 32Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 33Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 34Page - Renesas Technology Corp R5F2136CMDFD Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
R8C/36M Group
5. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0086EJ0010 Rev.0.10
Page 31 of 58
Mar 09, 2011
Notes:
1. VCC = 1.8 to 5.5 V and Topr =
−20 to 85 °C (N version)/−40 to 85 °C (D version), unless otherwise specified.
2. The average output current indicates the average value of current measured during 100 ms.
3. fOCO40M can be used as the count source for timer RC, timer RD or timer RG in the range of VCC = 2.7 to 5.5 V.
Table 5.2
Recommended Operating Conditions (1)
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC Supply voltage
1.8
—
5.5
V
VSS/AVSS
Supply voltage
—
0
—
V
VIH
Input “H” voltage Other than CMOS input
0.8 VCC
—VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection:
0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0.5 VCC
—VCC
V
2.7 V
≤ VCC < 4.0 V 0.55 VCC
—VCC
V
1.8 V
≤ VCC < 2.7 V 0.65 VCC
—VCC
V
Input level selection:
0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V 0.65 VCC
—VCC
V
2.7 V
≤ VCC < 4.0 V
0.7 VCC
—VCC
V
1.8 V
≤ VCC < 2.7 V
0.8 VCC
—VCC
V
Input level selection:
0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V 0.85 VCC
—VCC
V
2.7 V
≤ VCC < 4.0 V 0.85 VCC
—VCC
V
1.8 V
≤ VCC < 2.7 V 0.85 VCC
—VCC
V
External clock input (XOUT)
1.2
—
VCC
V
VIL
Input “L” voltage
Other than CMOS input
0
—
0.2 VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection:
0.35 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
—
0.2 VCC
V
2.7 V
≤ VCC < 4.0 V
0
—
0.2 VCC
V
1.8 V
≤ VCC < 2.7 V
0
—
0.2 VCC
V
Input level selection:
0.5 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
—
0.4 VCC
V
2.7 V
≤ VCC < 4.0 V
0
—
0.3 VCC
V
1.8 V
≤ VCC < 2.7 V
0
—
0.2 VCC
V
Input level selection:
0.7 VCC
4.0 V
≤ VCC ≤ 5.5 V
0
—
0.55 VCC
V
2.7 V
≤ VCC < 4.0 V
0
—
0.45 VCC
V
1.8 V
≤ VCC < 2.7 V
0
—
0.35 VCC
V
External clock input (XOUT)
0
—
0.4
V
IOH(sum)
Peak sum output “H”
current
Sum of all pins IOH(peak)
——
−160
mA
IOH(sum)
Average sum output “H”
current
Sum of all pins IOH(avg)
——
−80
mA
IOH(peak)
Peak output “H” current
Drive capacity Low
—
—
−10
mA
Drive capacity High
—
—
−40
mA
IOH(avg)
Average output “H”
current
Drive capacity Low
—
—
−5mA
Drive capacity High
—
—
−20
mA
IOL(sum)
Peak sum output “L”
current
Sum of all pins IOL(peak)
—
—
160
mA
IOL(sum)
Average sum output “L”
current
Sum of all pins IOL(avg)
——
80
mA
IOL(peak)
Peak output “L” current
Drive capacity Low
—
—
10
mA
Drive capacity High
—
—
40
mA
IOL(avg)
Average output “L”
current
Drive capacity Low
—
—
5
mA
Drive capacity High
—
—
20
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
≤ VCC ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ VCC < 2.7 V
—
—
5
MHz
f(XCIN)
XCIN clock input oscillation frequency
1.8 V
≤ VCC ≤ 5.5 V
TBD
32.768
50
kHz
fOCO40M When used as the count source for timer RC, timer RD or
timer RG (3)
2.7 V
≤ VCC ≤ 5.5 V
32
—
40
MHz
fOCO-F
fOCO-F frequency
2.7 V
≤ VCC ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ VCC < 2.7 V
—
—
5
MHz
—
System clock frequency
2.7 V
≤ VCC ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ VCC < 2.7 V
—
—
5
MHz
f(BCLK)
CPU clock frequency
2.7 V
≤ VCC ≤ 5.5 V
—
—
20
MHz
1.8 V
≤ VCC < 2.7 V
—
—
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com