Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 9Page - Maxim Integrated Products DS9101 Datasheet HTML 10Page - Maxim Integrated Products DS9101 Datasheet HTML 11Page - Maxim Integrated Products DS9101 Datasheet HTML 12Page - Maxim Integrated Products DS9101 Datasheet HTML 13Page - Maxim Integrated Products DS9101 Datasheet HTML 14Page - Maxim Integrated Products DS9101 Datasheet HTML 15Page - Maxim Integrated Products DS9101 Datasheet HTML 16Page - Maxim Integrated Products DS9101 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
13
AVAILABLE COMMANDS:
DATA FIELD AFFECTED:
READ ROM
MATCH ROM
SEARCH ROM
CONDITIONAL SEARCH ROM
SKIP ROM
RESUME
OVERDRIVE-SKIP ROM
OVERDRIVE-MATCH ROM
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG
64-BIT ROM, RC-FLAG, ALARM FLAGS, SEARCH CONDITIONS
RC-FLAG
RC-FLAG
RC-FLAG, OD-FLAG
64-BIT ROM, RC-FLAG, OD-FLAG
1-Wire ROM
FUNCTION COMMANDS
WRITE SCRATCHPAD
READ SCRATCHPAD
COPY SCRATCHPAD WITH PW
READ MEMORY WITH PW AND CRC
CLEAR MEMORY WITH PW
FORCED CONVERSION
START MISSION WITH PW
STOP MISSION WITH PW
256-BIT SCRATCHPAD, FLAGS
256-BIT SCRATCHPAD
512-BYTE DATA MEMORY, REGISTERS, FLAGS, PASSWORDS
MEMORY, REGISTERS, PASSWORDS
MISSION TIMESTAMP, MISSION SAMPLES COUNTER,
START DELAY, ALARM FLAGS, PASSWORDS
MEMORY ADDRESSES 020Ch TO 020Fh
FLAGS, TIMESTAMP, MEMORY ADDRESSES
020Ch TO 020Fh (WHEN LOGGING)
FLAGS
DS1923-SPECIFIC
MEMORY/CONTROL FUNCTION
COMMANDS
COMMAND LEVEL:
BUS
MASTER
1-Wire NET
OTHER DEVICES
DS1923
Figure 2. Hierarchical Structure for 1-Wire Protocol
MSB
8-BIT
CRC CODE
48-BIT SERIAL NUMBER
MSB
MSB
LSB
LSB
LSB
8-BIT FAMILY CODE
(41h)
MSB
LSB
Figure 3. 64-Bit Lasered ROM
64-Bit Lasered ROM
Each DS1923 contains a unique ROM code that is 64
bits long. The first 8 bits are a 1-Wire family code. The
next 48 bits are a unique serial number. The last 8 bits
are a cyclic redundancy check (CRC) of the first 56 bits
(see Figure 3 for details). The 1-Wire CRC is generated
using a polynomial generator consisting of a shift regis-
ter and XOR gates as shown in Figure 4. The polynomi-
al is X8 + X5 + X4 + 1. Additional information about the
1-Wire CRC is available in Application Note 27:
Understanding and Using Cyclic Redundancy Checks
with Maxim iButton Products.
The shift register bits are initialized to 0. Then, starting
with the least significant bit of the family code, one bit
at a time is shifted in. After the 8th bit of the family code
has been entered, the serial number is entered. After
the last bit of the serial number has been entered, the
shift register contains the CRC value. Shifting in the 8
bits of CRC returns the shift register to all 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com