Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS9101 Datasheet HTML 1Page - Maxim Integrated Products DS9101 Datasheet HTML 2Page - Maxim Integrated Products DS9101 Datasheet HTML 3Page - Maxim Integrated Products DS9101 Datasheet HTML 4Page - Maxim Integrated Products DS9101 Datasheet HTML 5Page - Maxim Integrated Products DS9101 Datasheet HTML 6Page - Maxim Integrated Products DS9101 Datasheet HTML 7Page - Maxim Integrated Products DS9101 Datasheet HTML 8Page - Maxim Integrated Products DS9101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VPUP = +3.0V to +5.25V, TA = -20°C to +85°C.) (Note 31)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IO Voltage Range Relative to GND ..........................-0.3V to +6V
IO Sink Current....................................................................20mA
Operating Temperature
and Humidity Range ................-20°C to +85°C, 0 to 100%RH*
Storage Temperature
and Humidity Range ................-40°C to +85°C, 0 to 100%RH*
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Resistance
RPUP
(Notes 1, 2)
2.2
k
Input Capacitance
CIO
(Note 3)
100
800
pF
Input Load Current
IL
IO pin at VPUP
6
10
μA
High-to-Low Switching Threshold
VTL
(Notes 4, 5)
0.4
3.2
V
Input Low Voltage
VIL
(Notes 1, 6)
0.3
V
Low-to-High Switching Threshold
VTH
(Notes 4, 7)
0.7
3.4
V
Switching Hysteresis
VHY
(Note 8)
0.09
N/A
V
Output Low Voltage
VOL
At 4mA (Note 9)
0.4
V
Standard speed, RPUP = 2.2k
5
Overdrive speed, RPUP = 2.2k
2
Recovery Time
(Note 1)
tREC
Overdrive speed directly prior to reset
pulse, RPUP = 2.2k
5
μs
Rising-Edge Hold-Off Time
tREH
(Note 10)
0.6
2.0
μs
Standard speed
65
Overdrive speed, VPUP > 4.5V
8
Time-Slot Duration (Note 1)
tSLOT
Overdrive speed (Note 11)
9.5
μs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Standard speed, VPUP > 4.5V
480
720
Standard speed (Note 11)
690
720
Overdrive speed, VPUP > 4.5V
48
80
Reset Low Time (Note 1)
tRSTL
Overdrive speed (Note 11)
70
80
μs
Standard speed, VPUP > 4.5V
15
60
Standard speed (Note 11)
15
63.5
Presence-Detect High Time
tPDH
Overdrive speed (Note 11)
2
7
μs
Standard speed, VPUP > 4.5V
1.5
5
Standard speed
1.5
8
Presence-Detect Fall Time
(Note 12)
tFPD
Overdrive speed
0.15
1
μs
*See the
Safe Operating Range graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com