Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS9101 Datasheet HTML 1Page - Maxim Integrated Products DS9101 Datasheet HTML 2Page - Maxim Integrated Products DS9101 Datasheet HTML 3Page - Maxim Integrated Products DS9101 Datasheet HTML 4Page - Maxim Integrated Products DS9101 Datasheet HTML 5Page - Maxim Integrated Products DS9101 Datasheet HTML 6Page - Maxim Integrated Products DS9101 Datasheet HTML 7Page - Maxim Integrated Products DS9101 Datasheet HTML 8Page - Maxim Integrated Products DS9101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VPUP = +3.0V to +5.25V, TA = -20°C to +85°C.) (Note 31)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standard speed, VPUP > 4.5V
60
240
Standard speed (Note 11)
60
287
Overdrive speed, VPUP > 4.5V (Note 11)
7
24
Presence-Detect Low Time
tPDL
Overdrive speed (Note 11)
728
μs
Standard speed, VPUP > 4.5V
65
75
Standard speed
71.5
75
Presence-Detect Sample Time
(Note 1)
tMSP
Overdrive speed
8
9
μs
IO PIN: 1-Wire WRITE
Standard speed
60
120
Overdrive speed, VPUP > 4.5V (Note 11)
6
12
Write-Zero Low Time
(Notes 1, 13)
tW0L
Overdrive speed (Note 11)
7.5
12
μs
Standard speed
5
15
Write-One Low Time
(Notes 1, 13)
tW1L
Overdrive speed
1
1.95
μs
IO PIN: 1-Wire READ
Standard speed
5
15 -
Read Low Time
(Notes 1, 14)
tRL
Overdrive speed
1
1.95 -
μs
Standard speed
tRL +
15
Read Sample Time
(Notes 1, 14)
tMSR
Overdrive speed
tRL +
1.95
μs
REAL-TIME CLOCK (RTC)
Accuracy
See RTC Accuracy graph
Min/
Month
Frequency Deviation
F
-20°C to +85°C
-300
+60
ppm
TEMPERATURE CONVERTER
8-bit mode (Note 15)
30
75
Conversion Time
tCONV
16-bit mode (11 bits)
240
600
ms
Thermal Response Time
Constant
RESP
iButton package (Note 16)
130
s
Conversion Error Without
Software Correction
(Notes 15, 17, 18, 19)
See the Temperature
Accuracy graph
°C
Conversion Error with Software
Correction
(Notes 15, 17, 18, 19)
See the Temperature
Accuracy graph
°C
HUMIDITY CONVERTER (Note 20)
Humidity Response Time
Constant
RH
Slow moving air (Note 21)
30
s
8
12
12
Bits
RH Resolution
(Note 22)
0.64
0.04
0.04
%RH
RH Range
(Note 23)
0
100
%RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com