Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 45Page - Maxim Integrated Products DS9101 Datasheet HTML 46Page - Maxim Integrated Products DS9101 Datasheet HTML 47Page - Maxim Integrated Products DS9101 Datasheet HTML 48Page - Maxim Integrated Products DS9101 Datasheet HTML 49Page - Maxim Integrated Products DS9101 Datasheet HTML 50Page - Maxim Integrated Products DS9101 Datasheet HTML 51Page - Maxim Integrated Products DS9101 Datasheet HTML 52Page - Maxim Integrated Products DS9101 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
49
With only a single device connected to the bus master,
the communication of step 2 looks like this:
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Tx
CCh
Issue “Skip ROM” command
Tx
0Fh
Issue “Write Scratchpad” command
Tx
00h
TA1, beginning offset = 00h
Tx
02h
TA2, address = 0200h
Tx
<25 Data Bytes>
Write 25 bytes of data to scratchpad
Tx
<7 FFh Bytes>
Write through the end of the scratchpad
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Tx
CCh
Issue “Skip ROM” command
Tx
AAh
Issue “Read Scratchpad” command
Rx
00h
Read TA1, beginning offset = 00h
Rx
02h
Read TA2, address = 0200h
Rx
1Fh
Read E/S, ending offset = 1Fh, flags = 0h
Rx
<32 Data Bytes>
Read scratchpad data and verify
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Tx
CCh
Issue “Skip ROM” command
Tx
99h
Issue “Copy Scratchpad” command
Tx
00h
TA1
Tx
02h
TA2
Tx
1Fh
E/S
(AUTHORIZATION CODE)
Tx
<8 FFh Bytes>
Send dummy password
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
MASTER MODE
DATA (LSB FIRST)
COMMENTS
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Tx
CCh
Issue “Skip ROM” command
Tx
CCh
Issue “Start Mission” command
Tx
<8 FFh Bytes>
Send dummy password
Tx
FFh
Send dummy byte
Tx
(Reset)
Reset pulse
Rx
(Presence)
Presence pulse
Step 3: Start the new mission.
With only a single device connected to the bus master,
the communication of step 3 looks like this:
If step 3 was successful, the MIP bit in the General
Status register is 1, the MEMCLR bit is 0, and the
Mission Start Delay counts down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com