Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9101 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS9101
Description  Hygrochron Temperature/Humidity Logger
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 17Page - Maxim Integrated Products DS9101 Datasheet HTML 18Page - Maxim Integrated Products DS9101 Datasheet HTML 19Page - Maxim Integrated Products DS9101 Datasheet HTML 20Page - Maxim Integrated Products DS9101 Datasheet HTML 21Page - Maxim Integrated Products DS9101 Datasheet HTML 22Page - Maxim Integrated Products DS9101 Datasheet HTML 23Page - Maxim Integrated Products DS9101 Datasheet HTML 24Page - Maxim Integrated Products DS9101 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Hygrochron Temperature/Humidity Logger
iButton with 8KB Data-Log Memory
______________________________________________________________________________________
21
Bit 0: Enable Oscillator (EOSC). This bit controls the
crystal oscillator of the RTC. When set to logic 1, the
oscillator starts. When written to logic 0, the oscillator
stops and the device is in a low-power data-retention
mode. This bit must be 1 for normal operation. A
Forced Conversion or Start Mission command automati-
cally starts the RTC by changing the EOSC bit to
logic 1.
Mission Control
The DS1923 is set up for its operation by writing appro-
priate data to its special function registers, which are
located in the two register pages. The settings in the
Mission Control register determine whether temperature
and/or humidity is logged, which format (8 or 16 bits)
applies, and whether old data can be overwritten by
new data once the data-log memory is full. An addition-
al control bit can be set to tell the DS1923 to wait with
logging data until a temperature alarm is encountered.
Bit 5: Start Mission Upon Temperature Alarm
(SUTA). This bit specifies whether a mission begins
immediately (includes delayed start) or if a temperature
alarm is required to start the mission. If this bit is 1, the
device performs an 8-bit temperature conversion at the
selected sample rate and begins with data logging only
if an alarming temperature (high alarm or low alarm)
was found. The first logged temperature is when the
alarm occurred. However, the Mission Samples
Counter does not increment. The start upon tempera-
ture alarm function is only available if temperature log-
ging is enabled (ETL = 1).
Bit 4: Rollover Control (RO). This bit controls whether,
during a mission, the data-log memory is overwritten
with new data or whether data logging is stopped once
the data-log memory is full. Setting this bit to 1 enables
the rollover and data logging continues at the begin-
ning, overwriting previously collected data. If this bit is
0, the logging and conversions stop once the data-log
memory is full. However, the RTC continues to run and
the MIP bit remains set until the Stop Mission command
is performed.
Bit 3: Humidity Logging Format Selection (HLFS).
This bit specifies the format used to store humidity
readings in the data-log memory. If this bit is 0, the
data is stored in 8-bit format. If this bit is 1, the 16-bit
format is used (higher resolution). With 16-bit format,
the most significant byte is stored at the lower address.
Bit 2: Temperature Logging Format Selection
(TLFS). This bit specifies the format used to store tem-
perature readings in the data-log memory. If this bit is
0, the data is stored in 8-bit format. If this bit is 1, the
16-bit format is used (higher resolution). With 16-bit for-
mat, the most significant byte is stored at the lower
address.
Bit 1: Enable Humidity Logging (EHL). To set up the
DS1923 for a humidity-logging mission, this bit must be
set to logic 1. If temperature and humidity logging are
enabled, the recorded humidity values begin at
address 2000h (TLFS = HLFS) or 1A00h (TLFS = 0;
HLFS = 1) or 2400h (TLFS = 1; HLFS = 0). If only
humidity logging is enabled, the recorded values are
stored starting at address 1000h. Since humidity data
has little scientific value without knowing the tempera-
ture, typically both humidity and temperature logging
are enabled (i.e., ETL and EHL are set to 1).
Bit 0: Enable Temperature Logging (ETL). To set up
the device for a temperature-logging mission, this bit
must be set to logic 1. To successfully start a mission,
ETL or EHL must be 1. If temperature logging is
enabled, the recorded temperature values are always
stored starting at address 1000h.
Mission Control Register Bitmap
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0213h
1
1
SUTA
RO
HLFS
TLFS
EHL
ETL
Note: During a mission, there is only read access to this register. Bits 6 and 7 have no function. They always read 1 and cannot be written to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com