Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-22-R6BHC-B07-2T Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 67-22-R6BHC-B07-2T
Description  Bi-Color (Multi-color) Top Views LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22-R6BHC-B07-2T Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  67-22-R6BHC-B07-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 2 of 11
Device No. :DSE-672-085
Prepared date: 27.Jan.2006
Prepared by: Venis Wu
67-22/R6BHC-B07/2T
Package Dimensions
For reflow soldering(propose)
0.8±0.1
2.4±0.1
3.2±0.2
3.5±0.2
2.7±0.2
1.8
1.6
1.8
2.8±0.2
Red
Blue
4
3
L
C
1
2
4
3
1
2
Note: The tolerances unless mentioned is ±0.1mm;Unit = mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com