Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-22-R6BHC-B07-2T Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 67-22-R6BHC-B07-2T
Description  Bi-Color (Multi-color) Top Views LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22-R6BHC-B07-2T Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 67-22-R6BHC-B07-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 10 of 11
Device No. :DSE-672-085
Prepared date: 27.Jan.2006
Prepared by: Venis Wu
67-22/R6BHC-B07/2T
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
120 S ec. M ax.
1~5 °C / Sec.
P re-heating
180~ 200°C
60 Sec. M ax.
A bove 220°C
260°C . M ax.
10 S ec. M ax.
1~5 °C / Sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com