Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-22-R6BHC-B07-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 67-22-R6BHC-B07-2T
Description  Bi-Color (Multi-color) Top Views LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22-R6BHC-B07-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  67-22-R6BHC-B07-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 11
Device No. :DSE-672-085
Prepared date: 27.Jan.2006
Prepared by: Venis Wu
67-22/R6BHC-B07/2T
Bin Range Of Luminous Intensity
Chip
Bin Code
Min.
Max.
Unit
Condition
Q2
90.0
112
R1
112
140
R2
140
180
R6
S1
180
225
Q2
90.0
112
R1
112
140
R2
140
180
BH
S1
180
225
mcd
IF
=20mA
Bin Range Of Dominant Wavelength
Chip
Bin Code
Min.
Max.
Unit
Condition
FF1
621
626
R6
FF2
626
631
nm
IF
=20mA
Bin Range Of Forward Voltage
Chip
Bin Code
Min.
Max.
Unit
Condition
0
1.75
1.95
1
1.95
2.15
R6
2
2.15
2.35
11
2.90
3.10
12
3.10
3.30
13
3.30
3.50
BH
14
3.50
3.70
V
IF
=20mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com