Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-22-R6BHC-B07-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-22-R6BHC-B07-2T
Description  Bi-Color (Multi-color) Top Views LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22-R6BHC-B07-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-22-R6BHC-B07-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 11
Device No. :DSE-672-085
Prepared date: 27.Jan.2006
Prepared by: Venis Wu
67-22/R6BHC-B07/2T
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
R6
50
Forward Current
IF
BH
25
mA
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
R6
2000
V
Electrostatic
Discharge(HBM)
ESD
BH
150
V
R6
120
Power Dissipation
Pd
BH
110
mW
R6
100
Peak Forward Current(Duty
1/10 @ 1KHz)
IFP
BH
100
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
R6
90
-----
225
Luminous Intensity
IV
BH
90
-----
225
mcd
Viewing Angle
2θ1/2
-----
120
-----
deg
R6
-----
632
-----
Peak Wavelength
λp
BH
-----
468
-----
nm
R6
621
-----
631
Dominant Wavelength
λd
BH
466.5
-----
471.5
nm
R6
-----
20
-----
Spectrum Radiation
Bandwidth
△λ
BH
-----
35
-----
nm
R6
1.75
-----
2.35
Forward Voltage
VF
BH
2.9
-----
3.7
V
IF=20mA
Reverse Current
IR
-----
-----
10
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com