Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-22-R6BHC-B07-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-22-R6BHC-B07-2T
Description  Bi-Color (Multi-color) Top Views LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22-R6BHC-B07-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-22-R6BHC-B07-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22-R6BHC-B07-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 11
Device No. :DSE-672-085
Prepared date: 27.Jan.2006
Prepared by: Venis Wu
Technical Data Sheet
Bi-Color (Multi-color) Top Views LEDs
67-22/R6BHC-B07/2T
Features
․P-LCC-4 package.
․White package.
․Optical indicator.
․Colorless clear window.
․Ideal for backlight and light pipe application.
․Inter reflector.
․Wide viewing angle.
․Suitable for vapor-phase reflow, Infrared reflow and
wave solder processes.
․Computable with automatic placement equipment.
․Available on tape and reel (8mm Tape).
․Pb-free.
․The product itself will remain within RoHS compliant version
Descriptions
․The 67-22 series is available in soft orange, green,blue
and yellow. Due to the package design, the LED has
wide viewing angle and optimized light coupling by
inter reflector. This feature makes ideal for light pipe
application. The low current requirement makes this
device ideal for portable equipment or any other
application where power is at a premium.
Applications
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD’s, switches and symbols.
․Light pipe application.
․General use.
Device Selection Guide
Chip
Type
Material
Emitted Color
Lens Color
R6
AlGaInP
Brilliant Red
BH
InGaN
Blue
Water Clear


Similar Part No. - 67-22-R6BHC-B07-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22-R6BHC-B07-2T(BH) EVERLIGHT-67-22-R6BHC-B07-2T(BH) Datasheet
346Kb / 11P
Top view LEDs
67-22-R6BHC-B07-2T(R6) EVERLIGHT-67-22-R6BHC-B07-2T(R6) Datasheet
346Kb / 11P
Top view LEDs
More results

Similar Description - 67-22-R6BHC-B07-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
Chip LEDs with Bi-Color(Multi-Color)
67-22SURSYGC-S530-A2-TR8 EVERLIGHT-67-22SURSYGC-S530-A2-TR8 Datasheet
184Kb / 10P
Bi-Color (Multi-Color) Top View LEDs
67-22USRSYGC-S530-A3-E3 EVERLIGHT-67-22USRSYGC-S530-A3-E3 Datasheet
182Kb / 11P
Bi-Color Top View LEDs
67-22UYOSYGC-S530-A3-E2 EVERLIGHT-67-22UYOSYGC-S530-A3-E2 Datasheet
242Kb / 10P
Bi-Color (Multi-Color) Top View LEDs
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
Chip LEDs with Bi-Color(Multi-Color)
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
Bi-Color (Multi-Color) Top LEDs
08-05-2004
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
Bi-Color (Multi-Color) Top LEDs
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com