Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 31 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 31 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 27Page - Microchip Technology HCS410 Datasheet HTML 28Page - Microchip Technology HCS410 Datasheet HTML 29Page - Microchip Technology HCS410 Datasheet HTML 30Page - Microchip Technology HCS410 Datasheet HTML 31Page - Microchip Technology HCS410 Datasheet HTML 32Page - Microchip Technology HCS410 Datasheet HTML 33Page - Microchip Technology HCS410 Datasheet HTML 34Page - Microchip Technology HCS410 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
HCS410
© 2011 Microchip Technology Inc.
DS40158F-page 31
6.0
ELECTRICAL CHARACTERISTICS
TABLE 6-1:
ABSOLUTE MAXIMUM RATING
Symbol
Item
Rating
Units
VDD
Supply voltage
-0.3 to 6.6
V
VIN*
Input voltage
-0.3 to VDD + 0.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
IOUT
Max output current
50
mA
TSTG
Storage temperature
-55 to +125
C (Note)
TLSOL
Lead soldering temp
300
C (Note)
VESD
ESD rating (Human Body Model)
4000
V
Note: Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to
the device.
* If a battery is inserted in reverse, the protection circuitry switches on, protecting the device and draining the
battery.
TABLE 6-2:
DC AND TRANSPONDER CHARACTERISTICS
Commercial (C):
TAMB = 0°C to 70°C
Industrial (I):
TAMB = -40°C to 85°C
2.0V < VDD < 6.3V
Parameter
Symbol
Min
Typ(1)
Max
Unit
Conditions
Average operating current(2)
IDD (avg)
—
50
160
100
300
µA
VDD = 3.0V
VDD = 6.3V
Programming current
IDDP
—1.0
2.2
1.8
3.5
mA
VDD = 3.0V
VDD = 6.3V
Standby current
IDDS
—
0.1
100
nA
High level input voltage
VIH
0.55 VDD
—VDD + 0.3
V
Low level input voltage
VIL
-0.3
—
0.15 VDD
V
High level output voltage
VOH
0.8 VDD
0.8 VDD
——
V
VDD = 2V, IOH =- .45 mA
VDD = 6.3V, IOH,= -2 mA
Low level output voltage
VOL
—
—
—
—
0.08 VDD
0.08 VDD
V
VDD = 2V, IOH = 0.5 mA
VDD = 6.3V,IOH = 5mA
LED output current
ILED
3.0
4.0
7.0
mA
VDD = 3.0V, VLED = 1.5V
Switch input resistor
RS
40
60
80
k
Ω
PWM input resistor
RPWM
80
120
160
k
Ω
LC input current
ILC
—
—
10.0
mA
VLCC=15 VP-P
LC input clamp voltage
VLCC
—15—
V
ILC <10 mA
LC induced output current
VDDI
—5.0
mA
VLCC > 10V
LC induced output voltage
VDDV
5.0
4.5
6.3
5.6
6.8
6.8
V
10 V < VLCC, IDD = 0 mA
10 V < VLCC, IDD = -1 mA
Carrier frequency
fc
—
125
—
kHz
External LC Inductor value
L
—
900
—
µH
External LC Capacitor value
C
—
1.8
—
nF
Note 1: Typical values at 25°C.
2: No load connected.
3: LC inputs are clamped at 15 volts.
40158F.book Page 31 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com