Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 8Page - Microchip Technology HCS410 Datasheet HTML 9Page - Microchip Technology HCS410 Datasheet HTML 10Page - Microchip Technology HCS410 Datasheet HTML 11Page - Microchip Technology HCS410 Datasheet HTML 12Page - Microchip Technology HCS410 Datasheet HTML 13Page - Microchip Technology HCS410 Datasheet HTML 14Page - Microchip Technology HCS410 Datasheet HTML 15Page - Microchip Technology HCS410 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
HCS410
DS40158F-page 12
© 2011 Microchip Technology Inc.
2.3.9
LED OUTPUT
The S2/LED line can be used to drive a LED when the
HCS410 is transmitting. If this option is enabled in the
configuration word the S2 line is driven high periodi-
cally when the HCS410 is transmitting as shown in
Figure 2-14. The LED output operates with a 30 ms on
and 480 ms off duty cycle when the supply voltage is
above the level indicated by the VLOW bit in the config-
uration word. When the supply voltage drops below the
voltage indicated by the VLOW bit the HCS410 will indi-
cate this by turning the LED on for 200ms at the start of
a transmission and remain off for the rest of the trans-
mission.
2.3.10
DELAYED INCREMENT
The HCS410 has a delayed increment feature that
increments the counter by 12, 20 seconds after the last
button press occurred. The 20-second time-out is reset
and the queue counter will increment if another press
occurs before the 20 seconds expires. The queue
counter is cleared after the buttons have been released
for more than 2 seconds. Systems that use this feature
will circumvent the latest jamming-code grabbing
attackers.
2.3.11
OTHER CONFIGURABLE OPTIONS
Other configurable code hopping options include an
• Transmission-rate selection
• Extended serial number.
These are described in more detail in Section 3.7.
FIGURE 2-14: LED INDICATION DURING TRANSMISSION
200 ms
200 ms
480 ms
30 ms
S Input
LED
VDD = VLOW Level
LED
VDD < VLOW LEVEL
40158F.book Page 12 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com