Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 1 Page - Microchip Technology

  HCS410 Datasheet HTML 1Page - Microchip Technology HCS410 Datasheet HTML 2Page - Microchip Technology HCS410 Datasheet HTML 3Page - Microchip Technology HCS410 Datasheet HTML 4Page - Microchip Technology HCS410 Datasheet HTML 5Page - Microchip Technology HCS410 Datasheet HTML 6Page - Microchip Technology HCS410 Datasheet HTML 7Page - Microchip Technology HCS410 Datasheet HTML 8Page - Microchip Technology HCS410 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
© 2011 Microchip Technology Inc.
DS40158F-page 1
FEATURES
Security
• Two programmable 64-bit encoder keys
• 16/32-bit bi-directional challenge and response
using one of two keys
• 69-bit transmission length
• 32-bit unidirectional code hopping, 37-bit non-
encrypted portion
• Encoder keys are read protected
• Programmable 28/32-bit serial number
• 60/64-bit, read-protected seed for secure learning
• Three IFF encryption algorithms
• Delayed increment mechanism
• Asynchronous transponder communication
• Queuing information transmitted
Operating
• 2.0V - 6.6V operation, 13V encoder only
operation
• Three switch inputs [S2, S1, S0]—seven functions
• Batteryless bi-directional transponder
• Selectable baud rate and code word blanking
• Automatic code word completion
• Battery low signal transmitted
• Non-volatile synchronization
• PWM or Manchester RF encoding
• Combined transmitter, transponder operation
• Anti-collision of multiple transponders
• Passive proximity activation
• Device protected against reverse battery
• Intelligent damping for high Q LC-circuits
Other
• 37-bit nonencrypted part contains 28/32-bit serial
number, 4/0-bit function code, 1-bit battery low,
2-bit CRC, 2-bit queue
• Simple programming interface
• On-chip tunable RC oscillator (±10%)
• On-chip EEPROM
• 64-bit user EEPROM in transponder mode
• Battery-low LED indication
• SQTP serialization quick-time programming
• 8-pin PDIP/SOIC/TSSOP and die
PACKAGE TYPES
BLOCK DIAGRAM
Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks (Home/Office/Hotel)
• Burglar alarm systems
• Proximity access control
S0
S1
S2/LED
LC1
VDD
LC0
PWM
GND
18
2
3
4
7
6
5
PDIP, SOIC
S2/LED
LC1
GND
PWM
1
2
3
4
8
7
6
5
S1
S0
VDD
LC0
TSSOP
Oscillator
Configuration Register
Power
Control
Wake-up
Logic
Address
Decoding EEPROM
Debounce
Control
and
Queuer
LED
Control
PWM
Driver
PPM
Detector
PWM
PPM
Manch.
Encoder
VDD
S0
S1
S2
LCI0
LCI1
PWM
*Secure Learn patent pending.
HCS410
KEELOQ® Code Hopping Encoder and Transponder
40158F.book Page 1 Wednesday, June 1, 2011 10:36 AM


Similar Part No. - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410 MICROCHIP-HCS410 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS410 MICROCHIP-HCS410 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410-IP MICROCHIP-HCS410-IP Datasheet
259Kb / 36P
KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410-IP MICROCHIP-HCS410-IP Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
More results

Similar Description - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
KEELOQ Code Hopping Encoder and Transponder
2002
HCS473 MICROCHIP-HCS473 Datasheet
1Mb / 68P
Code Hopping Encoder and Transponder
2002
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS201 MICROCHIP-HCS201_11 Datasheet
707Kb / 36P
KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com