Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 3Page - Microchip Technology HCS410 Datasheet HTML 4Page - Microchip Technology HCS410 Datasheet HTML 5Page - Microchip Technology HCS410 Datasheet HTML 6Page - Microchip Technology HCS410 Datasheet HTML 7Page - Microchip Technology HCS410 Datasheet HTML 8Page - Microchip Technology HCS410 Datasheet HTML 9Page - Microchip Technology HCS410 Datasheet HTML 10Page - Microchip Technology HCS410 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
HCS410
© 2011 Microchip Technology Inc.
DS40158F-page 7
2.2
Code Hopping Mode (CH Mode)
The HCS410 wakes up upon detecting a switch closure
and then delays approximately 30 ms for switch
debounce (Figure 2-7). The synchronization counter
value, fixed information, and switch information are
encrypted to form the code hopping portion. The
encrypted or code hopping portion of the transmission
changes every time a button is pressed, even if the
same button is pushed again. Keeping a button
pressed for a long time results in the same code word
being transmitted until the button is released or time-
out occurs. A code that has been transmitted will not
occur again for more than 64K transmissions. Overflow
information programmed into the encoder can be used
by the decoder to extend the number of unique trans-
missions to more than 192K.
If, during the transmit process, it is detected that a new
button(s) has been added, a reset will immediately be
forced and the code word will not be completed. Please
note that buttons removed will not have any effect on
the code word unless no buttons remain pressed in
which case the current code word will be completed
and the power down will occur. If, after a button combi-
nation is pressed, and the same button combination is
pressed again within 2 seconds of the first press, the
current transmission will be aborted and a new trans-
FIGURE 2-7:
CODE HOPPING ENCODER OPERATION
20-second
time-out
No
Transmitted
2 second
time-out
completed?
All buttons
released?
Sample Inputs
Update Sync Info
Encrypt With
Transmit
Encoder Key
Power-up
(A button has been
pressed (Note1))
Buttons added?
Yes
Yes
Yes
No
(Note 1)
7 complete code
words?
Complete current
code word while
checking buttons
(Note 2)
Stop transmitting
DINC Set?
Power down
Buttons
pressed?
(Note 1)
Same as
previous
press?
Increment queue
counter
20 second
time-out
completed?
Buttons
pressed?
(Note 1)
Increase sync
counter
by 12
immediately
Yes
Yes
No
Yes
Yes
No
No
No
Yes
No
Yes
No
No
Note 1: 30 ms debounce on press and release of all buttons.
2: Completes a minimum of 3 code words if MTX3 is set.
No
DINC
Set?
Yes
Yes
No
40158F.book Page 7 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com